Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F22366 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
Rev. 1.00
14 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Smart Card Interface – SCI
▆
Supports ISO 7816-3 standard
▆
Character mode
▆
Single transmit buffer and single receive buffer
▆
11-bit ETU (elementary time unit) counter
▆
9-bit guard time counter
▆
24-bit general purpose waiting time counter
▆
Parity generation and checking
▆
Automatic character retry on parity error detection in transmission and reception modes
The Smart Card Interface is compatible with the ISO 7816-3 standard. This interface includes
Card Insertion/Removal detection, SCI data transfer control logic and data buffers, internal
Timer Counters and corresponding control logic circuits to perform all the necessary Smart Card
operations. The Smart Card interface acts as a Smart Card Reader to facilitate communication
with the external Smart Card. The overall functions of the Smart Card interface are controlled
by a series of registers including control and status registers together with several corresponding
interrupts which are generated to get the attention of the microcontroller for SCI transfer status.
Inter-IC Sound – I2S
▆
Master or slave mode
▆
Mono and stereo
▆
I2S-justified, Left-justified, and Right-justified mode
▆
8/16/24/32-bit sample size with 32-bit channel extended
▆
8 × 32-bit Tx & Rx FIFO with PDMA supported
▆
8-bit Fractional Clock Divider with rate control
The I2S is a synchronous communication interface that can be used as a master or slave to
exchange data with other audio peripherals, such as ADCs or DACs. The I2S supports a variety of
data formats. In addition to the stereo I2S-justified, Left-justified and Right-justified modes, there
are mono PCM modes with 8/16/24/32-bit sample size. When the I2S operates in the master mode,
then when using the fractional divider, it can provide an accurate sampling frequency output and
support the rate control function and fine-tuning of the output frequency to avoid system problems
caused by the cumulative frequency error between different devices.
Cyclic Redundancy Check – CRC
▆
Supports CRC16 polynomial: 0x8005,
X16+X15+X2+1
▆
Supports CCITT CRC16 polynomial: 0x1021,
X16+X12+X5+1
▆
Supports IEEE-802.3 CRC32 polynomial: 0x04C11DB7,
X32+X26+X23+X22+X16+X12+X11+X10+X8+X7+X5+X4+X2+X+1
▆
Supports 1’s complement, byte reverse & bit reverse operation on data and checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com