Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F22366 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 41Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Rev. 1.00
38 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
�. Shield lines in the vicinity of the c�ystal �y using a g�ound plane to isolate signals and �educe
noise.
3. Keep the f�equently switching signal lines away f�o� the c�ystal a�ea to p�event the
c�osstalk.
Internal Clock Characteristics
Table 13. High Speed Internal Clock (HSI) Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD
Ope�ation Range
—
�.0
—
3.6
V
fHSI
F�equency of HSI
VDD = 3.3 V @ �5 °C
—
8
—
MHz
ACCHSI
F�equency accu�acy of
the facto�y-cali��ated HSI
oscillato�
VDD = 3.3 V� TA = �5 °C
-�
—
�
%
VDD = �.5 V ~ 3.6 V�
TA = -40 °C ~ 85 °C
-3
—
3
%
VDD = �.0 V ~ 3.6 V
TA = -40 °C ~ 85 °C
-4
—
4
%
Duty
Duty cycle
fHSI = 8 MHz
35
—
65
%
IDDHSI
Oscillato� supply cu��ent
fHSI = 8 MHz
—
��0
�50
μA
Powe� down cu��ent
—
—
0.05
μA
tSUHSI
Sta�tup ti�e
fHSI = 8 MHz
—
—
10
μs
Table 14. Low Speed Internal Clock (LSI) Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
fLSI
Low Speed Inte�nal Oscillato�
F�equency (LSI)
VBAK = 3.3 V�
TA = -40 °C ~ 85 °C
�1
3�
43
kHz
ACCLSI
F�equency accu�acy of LSI
Afte� facto�y-t�i��ed�
VBAK = 3.3 V� TA = �5 °C
-10
—
+10
%
IDDLSI
LSI Oscillato� Ope�ating cu��ent VBAK = 3.3 V� TA = �5 °C
—
0.8
1.�
μA
tSULSI
LSI Oscillato� sta�tup ti�e
VBAK = 3.3 V� TA = �5 °C
—
—
100
μs
PLL Characteristics
Table 15. PLL Characteristics
TA = �5 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fPLLI�
PLL input clock
—
4
—
16
MHz
fCK_PLL
PLL output clock
—
64
—
96
MHz
tLOCK
PLL lock ti�e
—
—
�00
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com