Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4539-E/MLSQTP Datasheet(PDF) 268 Page - Microchip Technology

Part # PIC18F4539-E/MLSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/MLSQTP Datasheet(HTML) 268 Page - Microchip Technology

Back Button PIC18F4539-E/MLSQTP Datasheet HTML 264Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 265Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 266Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 267Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 268Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 269Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 270Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 271Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 272Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 322 page
background image
PIC18FXX39
DS30485A-page 266
Preliminary
 2002 Microchip Technology Inc.
FIGURE 23-3:
LOW VOLTAGE DETECT CHARACTERISTICS
TABLE 23-1:
LOW VOLTAGE DETECT CHARACTERISTICS
VLVD
LVDIF
VDD
(LVDIF set by hardware)
(LVDIF can be
cleared in software)
37
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
D420
VLVD
LVD Voltage on VDD
transition high to
low
LVV = 0001
1.98
2.06
2.14
V
T
≥ 25°C
LVV = 0010
2.18
2.27
2.36
V
T
≥ 25°C
LVV = 0011
2.37
2.47
2.57
V
T
≥ 25°C
LVV = 0100
2.48
2.58
2.68
V
LVV = 0101
2.67
2.78
2.89
V
LVV = 0110
2.77
2.89
3.01
V
LVV = 0111
2.98
3.1
3.22
V
LVV = 1000
3.27
3.41
3.55
V
LVV = 1001
3.47
3.61
3.75
V
LVV = 1010
3.57
3.72
3.87
V
LVV = 1011
3.76
3.92
4.08
V
LVV = 1100
3.96
4.13
4.3
V
LVV = 1101
4.16
4.33
4.5
V
LVV = 1110
4.45
4.64
4.83
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com