Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4539-E/MLSQTP Datasheet(PDF) 272 Page - Microchip Technology

Part # PIC18F4539-E/MLSQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/MLSQTP Datasheet(HTML) 272 Page - Microchip Technology

Back Button PIC18F4539-E/MLSQTP Datasheet HTML 268Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 269Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 270Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 271Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 272Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 273Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 274Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 275Page - Microchip Technology PIC18F4539-E/MLSQTP Datasheet HTML 276Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 322 page
background image
PIC18FXX39
DS30485A-page 270
Preliminary
 2002 Microchip Technology Inc.
23.3.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 23-5:
EXTERNAL CLOCK TIMING (ALL MODES EXCEPT PLL)
TABLE 23-4:
EXTERNAL CLOCK TIMING REQUIREMENTS
TABLE 23-5:
PLL CLOCK TIMING SPECIFICATIONS (VDD = 4.2 TO 5.5V)
OSC1
CLKO
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
1A
FOSC
External CLKI Frequency(1)
Oscillator Frequency(1)
DC
40
MHz
EC, ECIO, -40
°C to +85°C
DC
25
MHz
EC, ECIO, +85
°C to +125°C
4
25
MHz
HS osc
4
10
MHz
HS + PLL osc, -40
°C to +85°C
4
6.25
MHz
HS + PLL osc, +85
°C to +125°C
1
TOSC
External CLKI Period(1)
Oscillator Period(1)
25
—
ns
EC, ECIO, -40
°C to +85°C
40
—
ns
EC, ECIO, +85
°C to +125°C
40
250
ns
HS osc
100
250
ns
HS + PLL osc, -40
°C to +85°C
160
250
ns
HS + PLL osc, +85
°C to +125°C
2
TCY
Instruction Cycle Time(1)
100
—
ns
TCY = 4/FOSC, -40
°C to +85°C
160
—
ns
TCY = 4/FOSC, +85
°C to +125°C
3
TosL,
TosH
External Clock in (OSC1)
High or Low Time
10
—
ns
HS osc
4TosR,
TosF
External Clock in (OSC1)
Rise or Fall Time
—7.5
ns
HS osc
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period for all configurations
except PLL. All specified values are based on characterization data for that particular oscillator type under
standard operating conditions with the device executing code. Exceeding these specified limits may result in
an unstable oscillator operation and/or higher than expected current consumption. All devices are tested to
operate at “min.” values with an external clock applied to the OSC1/CLKI pin. When an external clock input
is used, the “max.” cycle time limit is “DC” (no clock) for all devices.
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
—FOSC Oscillator Frequency Range
4
—
10
MHz HS mode only
—FSYS
On-Chip VCO System Frequency
16
—
40
MHz HS mode only
—trc
PLL Start-up Time (Lock Time)
—
—
2
ms
—
∆CLK CLKO Stability (Jitter)
-2
—
+2
%
† Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com