Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5569 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 31Page - Texas Instruments LP5569 Datasheet HTML 32Page - Texas Instruments LP5569 Datasheet HTML 33Page - Texas Instruments LP5569 Datasheet HTML 34Page - Texas Instruments LP5569 Datasheet HTML 35Page - Texas Instruments LP5569 Datasheet HTML 36Page - Texas Instruments LP5569 Datasheet HTML 37Page - Texas Instruments LP5569 Datasheet HTML 38Page - Texas Instruments LP5569 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
35
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
NAME
VALUE (d)
DESCRIPTION
int
0
No interrupt is sent. PWM register values remain intact.
1
Reset program counter value to 0 and send interrupt to processor by pulling the INT pin
down and setting the corresponding status bit high to notify that the program has ended.
PWM register values remain intact. Interrupts can be cleared by reading the interrupt bits in
STATUS/INTERRUPT register at address 3Ch.
reset
0
Reset program counter value to 0 and hold. PWM register values remain intact.
1
Reset program counter value to 0 and hold. PWM register values of the non-mapped
drivers remain. PWM register values of the mapped drivers are set to 0000 0000b.
8.5.2.6.5
TRIGGER and TRIG_CLEAR
The wait-for-trigger or send-a-trigger instruction can be used to synchronize operation between the program
execution engines. Sending a trigger instruction takes 16 32-kHz clock cycles and waiting for a trigger takes at
least 16 32-kHz clock cycles. The receiving engine stores the triggers that have been sent. Received triggers are
cleared by the wait-for-trigger instruction or trig_clear instruction. The wait-for-trigger instruction is executed until
all the defined triggers have been received. (Note: several triggers can be defined in the same instruction.) The
external-trigger input signal must stay low for at least two 32-kHz clock cycles to be executed. The trigger output
signal is three 32-kHz clock cycles long. The external trigger signal is active-low; for example, when a trigger is
sent or received, the pin is pulled to GND. Sending an external trigger is masked; that is, the device which has
sent the trigger does not recognize the trigger it sent. If send and wait external triggers are used on the same
instruction, the send external trigger is executed first, followed by the wait external trigger.
The trig_clear instruction clears pending triggers for a single execution engine. Use this instruction in each
execution engine at the beginning of program execution to clear any pending triggers. Pending triggers are
always cleared whenever the engine mode is in the disabled state or load program to SRAM (see SRAM
Memory).
NAME
VALUE (d)
DESCRIPTION
wait for trigger
0–31
Wait for trigger from the engine(s). Several triggers can be defined in the same instruction.
Bit [7]: Wait for trigger from engine 1.
Bit [8]: Wait for trigger from engine 2.
Bit [9]: Wait for trigger from engine 3.
Bit [12]: Wait for trigger from GPIO/TRIG/INT pin.
Bits [10] and [11] are not used.
send a trigger
0–31
Send a trigger to the engine(s). Several triggers can be defined in the same instruction.
Bit [1]: Send trigger to engine 1.
Bit [2]: Send trigger to engine 2.
Bit [3]: Send trigger to engine 3.
Bit [6]: Send trigger to GPIO/TRIG/INT pin.
Bits [4] and [5]: are not used.
8.5.2.6.6
JNE, JGE, JL, and JE
The LP5569 instruction set includes the following conditional jump instructions: jne (jump if not equal); jge (jump
if greater or equal); jl (jump if less); je (jump if equal). If the condition is true, a certain number of instructions are
skipped (that is, the program jumps forward to a location relative to the present location). If the condition is false,
the next instruction is executed.
NAME
VALUE (d)
DESCRIPTION
Number of
instructions to be
skipped if the
operation returns true.
0–31
The number of instructions to be skipped when the statement is true.
Note: value 0 means redundant code.
variable 1
0–3
Defines the variable to be used in the test:
0 = Local variable A
1 = Local variable B
2 = Global variable C
3 = Global variable D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com