Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5569 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 7Page - Texas Instruments LP5569 Datasheet HTML 8Page - Texas Instruments LP5569 Datasheet HTML 9Page - Texas Instruments LP5569 Datasheet HTML 10Page - Texas Instruments LP5569 Datasheet HTML 11Page - Texas Instruments LP5569 Datasheet HTML 12Page - Texas Instruments LP5569 Datasheet HTML 13Page - Texas Instruments LP5569 Datasheet HTML 14Page - Texas Instruments LP5569 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
11
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LP5569 device is a fully integrated lighting management unit for producing lighting effects for various LED
applications. The LP5569 device includes all necessary power management, low-side current sinks, two-wire
serial I2C-compatible interface, and programmable LED engines. The overall maximum current for each of the
nine drivers is set with 8-bit resolution. The LP5569 device controls LED luminance with a pulse-width
modulation (PWM) scheme with a resolution of 12 bits at 20 kHz, which is achieved by using 3-bit dithering.
8.1.1 Programming
The LP5569 device provides flexibility and programmability for dimming and sequencing control. Each LED can
be controlled directly and independently through the serial interface, or LED drivers can be grouped together for
preprogrammed flashing patterns. The device has three independent program execution engines. Each engine
can control 1 to 9 LED driver outputs, but more than one engine cannot simultaneously control the same LED
driver output. Any engine can be used as the master fader for all three engines.
8.1.2 Energy Efficiency
An integrated 1× or 1.5× charge pump with adaptive control provides supply voltage for LEDs when operating
with low input voltage. Because the LED drivers are low-side sinks, some or all LEDs can be powered from an
external source if available. The LP5569 device has very low standby current and an automatic power-save
mode when the LEDs are inactive.
8.1.3 Protection Features
Protection features include power-on reset, charge-pump input-current limiter, thermal shutdown (TSD), and
undervoltage lockout (UVLO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com