Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5569 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 69 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 65Page - Texas Instruments LP5569 Datasheet HTML 66Page - Texas Instruments LP5569 Datasheet HTML 67Page - Texas Instruments LP5569 Datasheet HTML 68Page - Texas Instruments LP5569 Datasheet HTML 69Page - Texas Instruments LP5569 Datasheet HTML 70Page - Texas Instruments LP5569 Datasheet HTML 71Page - Texas Instruments LP5569 Datasheet HTML 72Page - Texas Instruments LP5569 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 93 page
background image
69
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 96. PROGRAM_MEM_19 Register
7
6
5
4
3
2
1
0
cmd09_lsb
R/W-0h
Table 85. PROGRAM_MEM_19 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
cmd09_lsb
R/W
0h
Program memory data
8.6.1.71 PROGRAM_MEM_20 Register (Address = 64h) [reset = 0h]
PROGRAM_MEM_20 is shown in Figure 97 and described in Table 86.
Return to Summary Table.
Program Memory 20 Register
Figure 97. PROGRAM_MEM_20 Register
7
6
5
4
3
2
1
0
cmd10_msb
R/W-0h
Table 86. PROGRAM_MEM_20 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
cmd10_msb
R/W
0h
Program memory data
8.6.1.72 PROGRAM_MEM_21 Register (Address = 65h) [reset = 0h]
PROGRAM_MEM_21 is shown in Figure 98 and described in Table 87.
Return to Summary Table.
Program Memory 21 Register
Figure 98. PROGRAM_MEM_21 Register
7
6
5
4
3
2
1
0
cmd10_lsb
R/W-0h
Table 87. PROGRAM_MEM_21 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
cmd10_lsb
R/W
0h
Program memory data
8.6.1.73 PROGRAM_MEM_22 Register (Address = 66h) [reset = 0h]
PROGRAM_MEM_22 is shown in Figure 99 and described in Table 88.
Return to Summary Table.
Program Memory 22 Register
Figure 99. PROGRAM_MEM_22 Register
7
6
5
4
3
2
1
0
cmd11_msb
R/W-0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com