Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5569 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 82 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 78Page - Texas Instruments LP5569 Datasheet HTML 79Page - Texas Instruments LP5569 Datasheet HTML 80Page - Texas Instruments LP5569 Datasheet HTML 81Page - Texas Instruments LP5569 Datasheet HTML 82Page - Texas Instruments LP5569 Datasheet HTML 83Page - Texas Instruments LP5569 Datasheet HTML 84Page - Texas Instruments LP5569 Datasheet HTML 85Page - Texas Instruments LP5569 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
82
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.2.2.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.5 V to 5.5 V
LED VF (maximum)
3.2 V
LED current
25.5 mA maximum
Input capacitor
CIN = 1 µF
Output capacitor
COUT= 1 µF
Charge pump flying capacitors
CFLY1 = CFLY2 = 1 µF
Charge-pump mode
1.5× or automatic
9.2.2.2 Detailed Design Procedure
External component selection follows the earlier example (see Detailed Design Procedure).
9.2.2.3 Application Curves
Figure 123. Line Transient of the Riasing Edge in Charge-
Pump Auto Mode
Figure 124. Line Transient of the Falling Edge in Charge-
Pump Auto Mode
10 Power Supply Recommendations
The device is designed to operate from a VVIN input-voltage supply range between 2.5 V and 5.5 V. This input
supply must be well-regulated and able to withstand maximum input current and maintain stable voltage without
voltage drop even in a load-transition condition (start-up or rapid brightness change). The resistance of the input
supply rail must be low enough that the input-current transient does not cause a drop below 2.5-V in the LP5569
VVIN supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com