Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5569 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 79 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 75Page - Texas Instruments LP5569 Datasheet HTML 76Page - Texas Instruments LP5569 Datasheet HTML 77Page - Texas Instruments LP5569 Datasheet HTML 78Page - Texas Instruments LP5569 Datasheet HTML 79Page - Texas Instruments LP5569 Datasheet HTML 80Page - Texas Instruments LP5569 Datasheet HTML 81Page - Texas Instruments LP5569 Datasheet HTML 82Page - Texas Instruments LP5569 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 93 page
background image
VIN
AGND
SCL
SDA
LED0
LED1
LED2
LED3
EN/PWM
CLK
GPIO/TRIG/INT
ADDR
LED4
LED5
LED6
LED7
LED8
C1–
C1+
VOUT
COUT
CFLY1
1 µF
CIN
1 µF
µC
VIN = 2.5 V to 4.5 V, 3.6V typ
C2–
C2
CFLY2
1 µF
V1P8
PGND
DC/DC
VIN
3 x AA
Copyright © 2017, Texas Instruments Incorporated
79
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Applications (continued)
Figure 119. LP5569 Typical Application
9.2.1.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.5 V to 5.5 V
LED VF (maximum)
3.2 V
LED current
25.5 mA maximum
Input capacitor
CIN = 1 µF
Output capacitor
COUT = 1 µF
Charge pump flying capacitors
CFLY1 = CFLY2 = 1 µF
Charge-pump mode
1.5× or automatic
9.2.1.2 Detailed Design Procedure
The LP5569 device requires four external capacitors for proper operation. TI recommends surface-mount multi-
layer ceramic capacitors. Tantalum and aluminum capacitors are not recommended because of their high ESR.
Multi-layer ceramic capacitors must always be used for the flying capacitors (CFLY1 and CFLY2). Ceramic
capacitors with an X7R or X5R temperature characteristic are preferred for use with the LP5569 device. These
capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over temperature (X7R:
±15% over
−55°C to 125°C; X5R: ±15% over −55°C to 85°C).
It is necessary to have at least 0.24 μF of effective capacitance for each of the flying capacitors under all
operating conditions to ensure proper operation. The output capacitor COUT directly affects the magnitude of the
output ripple voltage. In general, the higher the value of COUT, the lower the output-ripple magnitude. For proper
operation TI recommends having at least 0.5 μF of effective capacitance for CIN and COUT under all operating
conditions. The voltage rating of all four capacitors must be 6.3 V (minimum), with 10 V preferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com