| Electronic Components Datasheet Search |
|
COP404C Datasheet(PDF) 17 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP404C Datasheet(HTML) 17 Page - National Semiconductor (TI) |
|
17 / 18 page ![]() Emulation (Continued) When ADDATA turns off the EPROM is enabled and the IP7 – IP0 pins will input the memory data A10 A9 and A8 output the most significant address bits to the memory (SKIP output may be used for program debug if needed) CKI is divided by 4 Other divide-by are emulated by ex- ternal divider CKO can be emulated as a general purpose input by us- ing CKOI or as a Halt IO port by using CKOH MB pin can be pulled low if the MICROBUS feature of the COP444C and COP424C is needed Othewise it should be high DUAL pin can be pulled low if the Dual-Clock feature of the COP444C and COP424C is needed Otherwise it should be high The SEL10 and SEL20 inputs are used to emulate the COP444C445C COP424C425C or COP410C411C When emulating the COP444C445C the user must configure SEL20e1 and SEL10e1 When emulating the COP424C425C the user must configure SEL20e0 and SEL10e1 In this mode the user RAM is physically halved As in the COP424C 425C the user has 64 digits (256 bits) of RAM avail- able Pin A10 should not be connected to the program memory (most significant address bit of the program memory should be grounded if using a 2kc8 memory) When emulating the COP410C411C the user must configure SEL20e0 and SEL10e0 In this mode the user has 32 digits (128 bits) of RAM available orga- nized in the same way as the COP410C411C - 4 regis- ters of 8 digits each Pins A10 and A9 should not be connected to the program memory (the 2 most signifi- cant address bits of the program memory should be grounded) Furthermore the subroutine stack is decreased from 3 levels to 2 levels The pins SEL10 and SEL20 change the internal logic of the device to accurately emulate the devices as indicated above However the user must remember that the COP424C425C is a subset of the COP444CCOP445C with respect to memory size The COP410C411C is a sub- set both in memory size and in function The user must take care not to use features and instructions which are not avail- able on the COP410C411C (see table IV below) when us- ing the COP404C to emulate the COP410C411C TABLE IV FEATURES AND INSTRUCTIONS NOT AVAILABLE ON COP410C411C Timer ADT Dual-clock CASC Interrupt CAMT Microbus CTMA IT LDD r d XAD r d (except 3 15) XABR SKT ININ INIL OGI y Option Table COP404C MASK OPTIONS The following COP444C options have been implemented in the COP404C Option value Comment Option 1e0 Ground Pin no option available Option 2e1 2 CKO is replaced by CKOI and CKOH Option 3e5 CKI is external clock input divided by 4 Option 4e1 RESET is Hi-Z input Option 5 – 8e0 L outputs are standard TRI-STATE Option 9e1 IN1 is a Hi-Z input Option 10e1 IN2 is a Hi-Z input Option 11e0VCC pin no option available Option 12 – 15e0 L outputs are standard TRI-STATE Option 16e1 SI is a Hi-Z input Option 17e0 SO is a standard output Option 18e0 SK is a standard output Option 19e1 IN0 is a Hi-Z input Option 20e1 IN3 is a Hi-Z input Option 21 – 24e1 G outputs are low-current Option 25 – 28e0 D outputs are standard Option 29e1 No internal initialization logic Option 30e0 1 DUAL-CLOCK is pin selectable Option 31e0 TIMER time-base counter Option 32e0 1 MICROBUS is pin selectable Option 33eNA 48-pin package 17 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |