Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP404C Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP404C
Description  COP404C ROMless CMOS Microcontrollers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP404C Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button COP404C Datasheet HTML 8Page - National Semiconductor (TI) COP404C Datasheet HTML 9Page - National Semiconductor (TI) COP404C Datasheet HTML 10Page - National Semiconductor (TI) COP404C Datasheet HTML 11Page - National Semiconductor (TI) COP404C Datasheet HTML 12Page - National Semiconductor (TI) COP404C Datasheet HTML 13Page - National Semiconductor (TI) COP404C Datasheet HTML 14Page - National Semiconductor (TI) COP404C Datasheet HTML 15Page - National Semiconductor (TI) COP404C Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Instruction Set (Continued)
TABLE III COP404C Instruction Set
(Continued)
Machine
Mnemonic
Operand
Hex
Language
Data Flow
Skip
Description
Code
Code
Conditions
(Binary)
SMB
0
4D
l0100l1101l
1
x RAM(B)0
None
Set RAM Bit
147
l0100l0111l
1
x RAM(B)1
246
l0100l0110l
1
x RAM(B)2
34B
l0100l1011l
1
x RAM(B)3
STII
y
7b
l0111l y l
y
x RAM(B)
None
Store Memory Immediate
Bd a 1
x Bd
and Increment Bd
Xr
b
6
l00l r l0110l
RAM(B)
A
None
Exchange RAM with A
(re03)
Br Z r
x Br
Exclusive-OR Br with r
XAD
rd
23
l0010l0011l
RAM(rd)
A
None
Exchange A with RAM
l1l r l d l
pointed to directly by rd
XDS
r
b
7
l00l r l0111l
RAM(B)
A
Bd
Exchange RAM with A
(re03)
Bdb1
x Bd
decrements
and Decrement Bd
Br Z r
x Br
past 0
Exclusive-OR Br with r
XIS
r
b
4
l00l r l0100l
RAM(B)
A
Bd
Exchange RAM with A
(re03)
Bda1
x Bd
increments
and Increment Bd
Br Z r
x Br
past 15
Exclusive-OR Br with r
REGISTER REFERENCE INSTRUCTIONS
CAB
50
l0101l0000l
A
x Bd
None
Copy A to Bd
CBA
4E
l0100l1110l
Bd
x A
None
Copy Bd to A
LBI
rd
l00l r l(d-1)l
rd
x B
Skip until
Load B Immediate with rd
(re03
not a LBI
(Note 5)
de0915)
or
33
l0011l0011l
l1l r l d l
(any r any d)
LEI
y
33
l0011l0011l
y
x EN
None
Load EN Immediate (Note 6)
6b
l0110l y l
XABR
12
l0001l0010l
A
Br
None
Exchange A with Br (Note 7)
TEST INSTRUCTIONS
SKC
20
l0010l0000l
Ce‘‘1’’
Skip if C is True
SKE
21
l0010l0001l
AeRAM(B)
Skip if A Equals RAM
SKGZ
33
l0011l0011l
G30e0
Skip if G is Zero
21
l0010l0001l
(all 4 bits)
SKGBZ
33
l0011l0011l
1st byte
Skip if G Bit is Zero
001
l0000l0001l
G0e0
111
l0001l0001l
2nd byte
G1e0
203
l0000l0011l
G2e0
313
l0001l0011l
G3e0
SKMBZ
0
01
l0000l0001l
RAM(B)0e0
Skip if RAM Bit is Zero
111
l0001l0001l
RAM(B)1e0
203
l0000l0011l
RAM(B)2e0
313
l0001l0011l
RAM(B)3e0
SKT
41
l0100l0001l
A time-base
Skip on Timer
counter
(Note 2)
carry has
occured
since last test
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com