Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4258 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 20Page - Linear Technology LTC4258 Datasheet HTML 21Page - Linear Technology LTC4258 Datasheet HTML 22Page - Linear Technology LTC4258 Datasheet HTML 23Page - Linear Technology LTC4258 Datasheet HTML 24Page - Linear Technology LTC4258 Datasheet HTML 25Page - Linear Technology LTC4258 Datasheet HTML 26Page - Linear Technology LTC4258 Datasheet HTML 27Page - Linear Technology LTC4258 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC4258
24
4258p
The LTC4258 can also be used to power older powered
Ethernet devices that are not 802.3af compliant and may
be detected with other methods. Although the LTC4258
does not implement these older detection methods auto-
matically, if software or external circuitry can detect the
noncompliant devices, the host controller may command
the LTC4258 to power the port, bypassing IEEE compliant
detection and classification and sending power to the
noncompliant device.
LOGIC LEVEL SUPPLY
In additon to the 48V used to source power to each port,
a logic level supply is required to power the digital portion
of the LTC4258. To simplify design and meet voltage
isolation requirements, the logic level supply can be
generated from the isolated – 48V supply. Figure 16
shows an example method using an LT
®1619 to control
a –48V to 3.3V current mode supply. This boost con-
verter topology uses the LT1619 current mode controller
and a current mirror which reflects the 3.3V output
voltage to the –48V rail, improving the regulation toler-
ance over the more traditional large resistor voltage
divider. This approach achieves high accuracy with a
transformerless design.
IEEE 802.3af COMPLIANCE AND EXTERNAL
COMPONENT SELECTION
The LTC4258 is designed to control power delivery in IEEE
802.3af compliant Power Sourcing Equipment (PSE).
Because proper operation of the LTC4258 may depend on
external signals and power sources, like the –48V supply
(VEE) or the OSCIN oscillator source, external components
such as the sense resistors (RS), and possibly software
running on an external microprocessor, using the LTC4258
in a PSE does not guarantee 802.3af compliance. Using an
LTC4258 does get you most of the way there. This section
discusses the rest of the elements that go along with the
LTC4258 to make an 802.3af complaint PSE. Each para-
graph below addresses a component which is critical for
PSE compliance as well as possible pitfalls that can cause
APPLICATIO S I FOR ATIO
DRV
100
Ω
100
µH
4.7
µH
B1100
10
µF
16V
4700pF
100pF
CMPZ4702B
ISOLATED
GND
ISOLATED
–48V
Si2328DS
FMMT593
FMMT593
87
6
5
2
3
4
1
GATE
VIN
VC
S/S
SENSE
LT1619
FB
GND
Si2328DS
510
Ω
47k
3.32k
1%
0.100
Ω
1%
1W
1.24k
1%
100k
4258 F16
910k
1
µF
100V
+
VEE
10
Ω
47
µF
10V
VDD
3.3V
300mA
+
47
µF
10V
ISOLATED
GND
+
Figure 16. –48V to 3.3V Boost Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com