Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4258 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 20Page - Linear Technology LTC4258 Datasheet HTML 21Page - Linear Technology LTC4258 Datasheet HTML 22Page - Linear Technology LTC4258 Datasheet HTML 23Page - Linear Technology LTC4258 Datasheet HTML 24Page - Linear Technology LTC4258 Datasheet HTML 25Page - Linear Technology LTC4258 Datasheet HTML 26Page - Linear Technology LTC4258 Datasheet HTML 27Page - Linear Technology LTC4258 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
LTC4258
27
4258p
PACKAGE DESCRIPTIO
GW Package
36-Lead Plastic SSOP (Wide .300 Inch)
(Reference LTC DWG # 05-08-1642)
GW36 SSOP 0502
0
° – 8° TYP
0.231 – 0.3175
(.0091 – .0125)
0.610 – 1.016
(.024 – .040)
7.417 – 7.595**
(.292 – .299)
× 45°
0.254 – 0.406
(.010 – .016)
2.286 – 2.387
(.090 – .094)
0.127 – 0.305
(.005 – .0115)
2.463 – 2.641
(.097 – .104)
0.800
(.0315)
BSC
0.304 – 0.431
(.012 – .017)
15.290 – 15.544*
(.602 – .612)
123456789 10 11 12 13 14 15 16 17 18
10.160 – 10.414
(.400 – .410)
36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19
10.668 MIN
RECOMMENDED SOLDER PAD LAYOUT
7.416 – 7.747
0.800 TYP
0.520
±0.0635
1.143
±0.127
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.152mm (0.006") PER SIDE
*
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.254mm (0.010") PER SIDE
**
MILLIMETERS
(INCHES)
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com