Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4258 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 20Page - Linear Technology LTC4258 Datasheet HTML 21Page - Linear Technology LTC4258 Datasheet HTML 22Page - Linear Technology LTC4258 Datasheet HTML 23Page - Linear Technology LTC4258 Datasheet HTML 24Page - Linear Technology LTC4258 Datasheet HTML 25Page - Linear Technology LTC4258 Datasheet HTML 26Page - Linear Technology LTC4258 Datasheet HTML 27Page - Linear Technology LTC4258 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LTC4258
26
4258p
Power Supplies
The LTC4258 must be supplied with 3.3V (VDD) and
–48V (VEE). Poor regulation on either of these supplies
can lead to noncompliance. The IEEE requires a PSE
output voltage between 44V and 57V. When the LTC4258
begins powering an Ethernet port, it controls the current
through the port to minimize disturbances on VEE. How-
ever, if the VEE supply is underdamped or otherwise
unstable, its voltage could go outside of the IEEE specified
limits, causing all ports in the PSE to be noncompliant.
This scenario can be even worse when a PD is unplugged
because the current can drop immediately to zero. In both
cases the port voltage must always stay between –44V
and –57V. In addition, the 802.3af specification places
specific ripple, noise and load regulation requirements on
the PSE. Among other things, disturbances on either VDD
or VEE can adversely affect detection, classification and the
AC disconnection sensing. Proper bypassing and stability
of the VDD and VEE supplies is important.
APPLICATIO S I FOR ATIO
Another problem that can affect the VEE supply is insuffi-
cient power, leading to the supply voltage drooping out of
the specified range. The 802.3af specification states that
if a PSE powers a PD it must be able to provide the
maximum power level requested by the PD based on the
PD’s classification. The specification does allow a PSE to
choose not to power a port because the PD requires more
power than the PSE has left to deliver. If a PSE is built with
a VEE supply capable of less than 15.4W • (number of
PSE’s Ethernet ports), it must implement a power alloca-
tion algorithm that prevents ports from being powered
when there is insufficient power. Because the specifica-
tion also requires the PSE to supply 400mA at up to a 5%
duty cycle, the VEE supply capability should be at least a
few percent more than the maximum total power the PSE
will supply to PDs. Finally, the LTC4258s draw current
from VEE. If the VDD supply is generated from VEE, that
power divided by the switcher efficiency must also be
added to the VEE supply’s capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com