Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 17 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 17 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 13Page - Active-Semi, Inc ACT8846 Datasheet HTML 14Page - Active-Semi, Inc ACT8846 Datasheet HTML 15Page - Active-Semi, Inc ACT8846 Datasheet HTML 16Page - Active-Semi, Inc ACT8846 Datasheet HTML 17Page - Active-Semi, Inc ACT8846 Datasheet HTML 18Page - Active-Semi, Inc ACT8846 Datasheet HTML 19Page - Active-Semi, Inc ACT8846 Datasheet HTML 20Page - Active-Semi, Inc ACT8846 Datasheet HTML 21Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
17 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
SYSTEM CONTROL ELECTRICAL CHARACTERISTICS
(VINL2 = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range
3.0
5.5
V
UVLO Threshold Voltage
VINL2 Rising, BATLEV[3:0]=0001
2.6
2.8
3.0
V
UVLO Hysteresis
VINL2 Hysteresis
200
mV
Operating Supply Current
All Regulators Enabled but no load
0.6
1.2
mA
Shutdown Supply Current
All Regulators Disabled except REG13
10
20
µA
Oscillator Frequency
2.0
2.25
2.5
MHz
Logic High Input Voltage
1.4
V
Logic Low Input Voltage
0.4
V
Leakage Current
V[nIRQ] = V[nRSTO] = 4.2V
1
µA
Low Level Output Voltage
nIRQ, nRSTO, ISINK = 5mA
0.3
V
nRSTO Delay
100
ms
Thermal Shutdown Temperature
Temperature rising
160
°C
Thermal Shutdown Hysteresis
20
°C
: PWRHLD, PWREN, VSELR2, GPIO1, GPIO2 are logic inputs.
: Typical value shown. Actual value may vary from (T-1ms) x 85% to T x 115%, where T = 100ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com