Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 25 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 25 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 21Page - Active-Semi, Inc ACT8846 Datasheet HTML 22Page - Active-Semi, Inc ACT8846 Datasheet HTML 23Page - Active-Semi, Inc ACT8846 Datasheet HTML 24Page - Active-Semi, Inc ACT8846 Datasheet HTML 25Page - Active-Semi, Inc ACT8846 Datasheet HTML 26Page - Active-Semi, Inc ACT8846 Datasheet HTML 27Page - Active-Semi, Inc ACT8846 Datasheet HTML 28Page - Active-Semi, Inc ACT8846 Datasheet HTML 29Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
25 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(TA = 25°C, unless otherwise specified.)
REG10 @ 10mA vs. Temperature
Temperature (°C)
-
40
-
20
0
20
40
60
80
100
120
140
1.205
1.200
1.195
1.190
1.185
1.180
REG5/6 Dropout Voltage vs. IOUT
Output Current (mA)
0
50
100
150
200
250
400
350
300
250
200
150
100
50
0
VOUT10 @ 150mA vs. Temperature
Temperature (°C)
-
40
-
20
0
20
40
60
80
100
120
140
1.186
1.182
1.178
1.174
1.170
REG5 VOUT vs. IOUT
1.200
1.160
1.120
1.080
1.040
1.000
Output Current (mA)
0
40
80
120
160
200
REG6 VOUT vs. IOUT
Output Current (mA)
0
40
80
120
160
200
1.200
1.160
1.120
1.080
1.040
1.000
REG7/8/9 Dropout Voltage vs. IOUT
400
300
200
100
0
Output Current (mA)
0
50
100
150
200
250
300
350
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com