Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 22 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 22 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 18Page - Active-Semi, Inc ACT8846 Datasheet HTML 19Page - Active-Semi, Inc ACT8846 Datasheet HTML 20Page - Active-Semi, Inc ACT8846 Datasheet HTML 21Page - Active-Semi, Inc ACT8846 Datasheet HTML 22Page - Active-Semi, Inc ACT8846 Datasheet HTML 23Page - Active-Semi, Inc ACT8846 Datasheet HTML 24Page - Active-Semi, Inc ACT8846 Datasheet HTML 25Page - Active-Semi, Inc ACT8846 Datasheet HTML 26Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
22 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
TYPICAL PERFORMANCE CHARACTERISTICS
(TA = 25°C, unless otherwise specified.)
Startup of VIN/OUT13
Startup of nPBIN/OUT5/nRSTO
Startup of OUT4/OUT5/OUT11/OUT3/
OUT1/OUT2
Temperature (°C)
-
40
-
20
0
20
40
60
80
100
120
140
VREF vs. Temperature
1.204
1.200
1.196
1.192
1.188
1.184
Frequency vs. Temperature
2.360
2.340
2.320
2.300
2.280
2.260
2.240
2.220
2.200
2.180
Temperature (°C)
-
40
-
20
0
20
40
60
80
100
120
140
CH1
CH2
CH1
CH2
CH3
CH1
CH2
CH3
CH4
CH1: VnPBIN, 2V/div
CH2: VOUT5, 500mV/div
CH3: VnRSTO, 1V/div
TIME: 20ms/div
CH1: VVIN, 2V/div
CH2: VOUT13, 1V/div
TIME: 500µs/div
CH1: VOUT4, 2V/div
CH2: VOUT5, 1V/div
CH3: VOUT11, 2V/div
CH4: VOUT3, 1V/div
CH5: VOUT1, 1V/div
CH6: VOUT2, 1V/div
TIME: 2ms/div
CH5
CH6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com