Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 27 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 27 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 23Page - Active-Semi, Inc ACT8846 Datasheet HTML 24Page - Active-Semi, Inc ACT8846 Datasheet HTML 25Page - Active-Semi, Inc ACT8846 Datasheet HTML 26Page - Active-Semi, Inc ACT8846 Datasheet HTML 27Page - Active-Semi, Inc ACT8846 Datasheet HTML 28Page - Active-Semi, Inc ACT8846 Datasheet HTML 29Page - Active-Semi, Inc ACT8846 Datasheet HTML 30Page - Active-Semi, Inc ACT8846 Datasheet HTML 31Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
27 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(TA = 25°C, unless otherwise specified.)
REG7 Output Voltage vs. Output Current
1.840
1.820
1.800
1.780
1.760
1.740
1.720
1.700
Output Current (mA)
0
50
100
150
200
250
300
350
REG9 Output Voltage vs. Output Current
Output Current (mA)
0
50
100
150
200
250
300
350
3.340
3.320
3.300
3.280
3.260
3.240
3.220
3.200
REG8 Output Voltage vs. Output Current
3.340
3.320
3.300
3.280
3.260
3.240
3.220
3.200
Output Current (mA)
0
50
100
150
200
250
300
350
REG10 Output Voltage vs. Output Current
3.340
3.320
3.300
3.280
3.260
3.240
3.220
3.200
Output Current (mA)
0
40
80
120
160
200
REG11 Output Voltage vs. Output Current
1.840
1.820
1.800
1.780
1.760
1.740
1.720
1.700
Output Current (mA)
0
50
100
150
200
250
300
350
REG12 Output Voltage vs. Output Current
2.840
2.820
2.800
2.780
2.760
2.740
2.720
2.700
Output Current (mA)
0
50
100
150
200
250
300
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com