Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 42 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 42 Page - Active-Semi, Inc

Back Button ACT8846 Datasheet HTML 36Page - Active-Semi, Inc ACT8846 Datasheet HTML 37Page - Active-Semi, Inc ACT8846 Datasheet HTML 38Page - Active-Semi, Inc ACT8846 Datasheet HTML 39Page - Active-Semi, Inc ACT8846 Datasheet HTML 40Page - Active-Semi, Inc ACT8846 Datasheet HTML 41Page - Active-Semi, Inc ACT8846 Datasheet HTML 42Page - Active-Semi, Inc ACT8846 Datasheet HTML 43Page - Active-Semi, Inc ACT8846 Datasheet HTML 44Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
42 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
OUT13 / GPIO1
40ms
VIN
PWRHLD and PWREN
OUT7
OUT2
0.5ms
nPBIN
CMI 107 Startup with PWRHLD
nRSTO
OUT3
OUT1
OUT11
0.5ms
0.5ms
OUT8
0.5ms
OUT10
0.5ms
1ms
OUT9
0.5ms
CMI 107: ACT8846QM107 continued
Shutdown
The IC can be turned off by pulling nPBIN low through a 50kohm resistor to GA or by deasserting PWREN
and PWRHLD pins low. The IC can also be turned off via I2C.
PWREN
Asserting PWREN high enables the IC. In pushbutton applications, if PWREN is not asserted high before
the nPBIN pin goes high, the IC shuts down. Note that PWREN and PWRHLD must be connected together.
nPBIN
nPBIN retains the short and long press functionality described earlier in the datasheet.
NRSTO
nRSTO is gated by OUT9 and has a 40ms delay.
DVS
DVS functionality is only available via I2C.
VSELR/GPIO1/GPIO2
The VSELR/GPIO1/GPIO2 pins are not functional and should be permanently pulled high or low.
GPIO1/2/3/4/5/6
These outputs are off by default but can be enabled via I2C. GPIO3 frequency and duty cycle are 256Hz
and 50%. GPIO4/5/6 frequency and duty cycle are 0.25Hz and 6.25%.
Watchdog
All watchdog functionality is disabled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com