Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5455 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5455
Description  Peak Power Assist for Smart/AI-Enabled Speakers and Low-Power Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5455 Datasheet HTML 1Page - Monolithic Power Systems MP5455 Datasheet HTML 2Page - Monolithic Power Systems MP5455 Datasheet HTML 3Page - Monolithic Power Systems MP5455 Datasheet HTML 4Page - Monolithic Power Systems MP5455 Datasheet HTML 5Page - Monolithic Power Systems MP5455 Datasheet HTML 6Page - Monolithic Power Systems MP5455 Datasheet HTML 7Page - Monolithic Power Systems MP5455 Datasheet HTML 8Page - Monolithic Power Systems MP5455 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MP5455 – PEAK POWER ASSIST FOR LOW-POWER APPLICATIONS
MP5455 Rev. 1.01
www.MonolithicPower.com
3
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN)................................... 8.0V
VSTRG ...............................................-0.3V to 35V
VSW....................................-0.3V to VSTRG + 0.3V
VBST ...................................-0.3V to VSTRG + 6.5V
VCST.................................................-0.3V to 40V
All other pins ..................................-0.3V to 6.5V
Continuous power dissipation (TA = +25°C)
(2)
................................................................... 2.6W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Operating temperature............... -40°C to +85°C
Recommended Operating Conditions (3)
Supply voltage (VIN)..........................2.7V to 7V
Bus voltage (VB).................................2.7V to 6V
Storage voltage (VSTRG)..................... VIN to 30V
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN-20 (3mmx4mm).............. 48 ...... 10... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum power dissipation is a function of the maximum
junction temperature TJ (MAX), the junction-to-ambient
thermal resistance θJA, and the ambient temperature TA. The
maximum continuous power dissipation at any ambient
temperature is calculated by PD (MAX) = (TJ (MAX)-TA)/θJA.
Exceeding the maximum allowable power dissipation
produces an excessive die temperature, causing the regulator
to go into thermal shutdown. Internal thermal shutdown
circuitry protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, which is 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com