Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5455 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5455
Description  Peak Power Assist for Smart/AI-Enabled Speakers and Low-Power Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5455 Datasheet HTML 1Page - Monolithic Power Systems MP5455 Datasheet HTML 2Page - Monolithic Power Systems MP5455 Datasheet HTML 3Page - Monolithic Power Systems MP5455 Datasheet HTML 4Page - Monolithic Power Systems MP5455 Datasheet HTML 5Page - Monolithic Power Systems MP5455 Datasheet HTML 6Page - Monolithic Power Systems MP5455 Datasheet HTML 7Page - Monolithic Power Systems MP5455 Datasheet HTML 8Page - Monolithic Power Systems MP5455 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP5455
Peak Power Assist for Smart/AI-Enabled
Speakers and Low-Power Applications
MP5455 Rev. 1.01
www.MonolithicPower.com
1
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5455 is intelligently designed as a
power storage system, releasing energy as
needed during peak loading events, providing
an efficient solution for smart speakers. It is
also capable of providing back-up power in the
event of a power failure targeting solid state
drive supplications.
The internal input current limit block with dV/dt
control prevents inrush current during system
start-up. The storage capacitors charge while
sufficient power load is applied. At peak loading,
energy is released to maintain adequate
power
levels and prevent fluctuating performance.
MPS’s patented power back-up control circuit
minimizes the storage capacitor requirement.
This control circuit pumps the input voltage to a
higher storage voltage and releases the energy
over a hold-up time to the system in the case of
an input outage. Storage and release voltages
are both programmable for different system
requirements.
The MP5455 requires a minimal number of
readily
available,
standard,
external
components and is available in a QFN-20
(3mmx4mm) package.
FEATURES
 Power Back-Up Management Circuit
 Input Current Limiter with Integrated 60mΩ
MOSFET
 Wide 2.7V to 7V Operating Input Range
 Up to 4.5A Input Current Limit
 Reverse-Current Protection
 Adjustable dV/dt Slew Rate for Bus Voltage
Start-Up
 Over-Temperature Protection (OTP)
 Available in a QFN-20 (3mmx4mm)
Package
APPLICATIONS
 Peak Power Smoother for Smart Speakers
 Artificial Intelligence (AI)-Enabled Speakers
 Power Back-Up
 Battery Hold-Up Supplies
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Storage Release
VB Load = 2A, CSTRG = 220µFx2
CH1: VB
1V/div.
CH2: VSTRG
10V/div.
CH3: VSW
10V/div.
CH1:IB
2A/div.
5ms/div.


Similar Part No. - MP5455

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5455GL MPS-MP5455GL Datasheet
221Kb / 7P
Peak Power Assist for Smart/AI-Enabled Speakers, Evaluation Board
More results

Similar Description - MP5455

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2013H TI-BQ2013H Datasheet
195Kb / 24P
Gas Gauge IC for Power- Assist Applications
logo
Hitachi Semiconductor
HA12002 HITACHI-HA12002 Datasheet
430Kb / 5P
PROTECTOR OF SPEAKERS AND POWER AMPLIFIERS
logo
STMicroelectronics
VN1160-1-E STMICROELECTRONICS-VN1160-1-E Datasheet
1Mb / 18P
Smart power solutions for car body applications
Sep-2011
VN1160TR-E STMICROELECTRONICS-VN1160TR-E Datasheet
1Mb / 18P
Smart power solutions for car body applications
Sep-2011
logo
Texas Instruments
BQ2013HSN-A514TR TI-BQ2013HSN-A514TR Datasheet
295Kb / 29P
Gas Gauge IC for Power- Assist Applications
logo
ELMOS Semiconductor AG
E524.11 ELMOS-E524.11 Datasheet
231Kb / 2P
LIN SMART ULTRASONIC PARKING ASSIST
E524.24 ELMOS-E524.24 Datasheet
224Kb / 2P
LIN SMART ULTRASONIC PARKING ASSIST
logo
Monolithic Power System...
EV5455-L-00A MPS-EV5455-L-00A Datasheet
221Kb / 7P
Peak Power Assist for Smart/AI-Enabled Speakers, Evaluation Board
logo
DFI Inc
RC300-CS DFI-RC300-CS Datasheet
1Mb / 5P
AI-Enabled Railway Embedded System
logo
ON Semiconductor
SECO-RSL10-CAM-GEVB ONSEMI-SECO-RSL10-CAM-GEVB Datasheet
6Mb / 18P
RSL10 Smart Shot Camera User Manual Event?뭈riggered AI Imaging Platform, Bluetooth Low Energy Enabled
January, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com