Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5455 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5455
Description  Peak Power Assist for Smart/AI-Enabled Speakers and Low-Power Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5455 Datasheet HTML 1Page - Monolithic Power Systems MP5455 Datasheet HTML 2Page - Monolithic Power Systems MP5455 Datasheet HTML 3Page - Monolithic Power Systems MP5455 Datasheet HTML 4Page - Monolithic Power Systems MP5455 Datasheet HTML 5Page - Monolithic Power Systems MP5455 Datasheet HTML 6Page - Monolithic Power Systems MP5455 Datasheet HTML 7Page - Monolithic Power Systems MP5455 Datasheet HTML 8Page - Monolithic Power Systems MP5455 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP5455 – PEAK POWER ASSIST FOR LOW-POWER APPLICATIONS
MP5455 Rev. 1.01
www.MonolithicPower.com
4
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5.0V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input supply voltage range
VIN
2.7
7
V
Supply current (shutdown)
IS
VEN = 0V
2
μA
Supply current (quiescent)
IQ
VEN/ENCH = 2V, VFBB/FBS = 1V
2
mA
Thermal shutdown
(5)
TSD
150
°C
Thermal shutdown
hysteresis
(5)
THYS
30
°C
VIN under-voltage lockout
threshold rising
INUVR
2.5
2.7
V
VIN under-voltage lockout
threshold hysteresis
INUVHYS
0.3
0.4
0.5
V
EN/ENCH UVLO threshold
rising
ENR
1.2
V
EN/ENCH UVLO threshold
falling
ENF
0.4
V
Current limit MOSFET on
resistance
RDSON
60
65
mΩ
Continuous current limit
ILIM
RILIM = 1.07kΩ
4.6
A
RILIM = 1.2kΩ
4.1
RILIM = 1.4kΩ
-10%
3.7
10%
Off-state leakage current
ILEAK
VIN = 6V, VB = 0V or VB = 6V,
VIN = 0V
2
μA
Rise time (dV/dt)
τR
DVDT pin floating
0.5
0.9
1.5
ms
Cdv/dt = 10nF
10
Cdv/dt = 100nF
100
Pre-charge current
ICH PRE
130
mA
Charge peak current in
boost mode
ICH
ICH pin floating
500
mA
RICH = 100kΩ
400
RICH = 200kΩ
200
Feedback voltage
VFBB, VFBS
0.77
0.79
0.81
V
Buck mode dumping current
limit
IDUMP
5
A
VB under-voltage lockout
threshold rising
(6)
INUVBR
1.8
2.2
2.5
V
VB under-voltage lockout
threshold hysteresis
(6)
INUVBHYS
0.15
0.25
0.35
V
NOTES:
5) Guaranteed by characterization, not tested in production.
6) VB UVLO is applied to energy storage and release circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com