Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5455 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP5455
Description  Peak Power Assist for Smart/AI-Enabled Speakers and Low-Power Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP5455 Datasheet HTML 3Page - Monolithic Power Systems MP5455 Datasheet HTML 4Page - Monolithic Power Systems MP5455 Datasheet HTML 5Page - Monolithic Power Systems MP5455 Datasheet HTML 6Page - Monolithic Power Systems MP5455 Datasheet HTML 7Page - Monolithic Power Systems MP5455 Datasheet HTML 8Page - Monolithic Power Systems MP5455 Datasheet HTML 9Page - Monolithic Power Systems MP5455 Datasheet HTML 10Page - Monolithic Power Systems MP5455 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MP5455 – PEAK POWER ASSIST FOR LOW-POWER APPLICATIONS
MP5455 Rev. 1.01
www.MonolithicPower.com
7
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.5V, VSTRG = 23.5V, CSTRG = 100µFx2, VRELEASE = 3.2V, L = 4.7µH, TA = 25°C, unless
otherwise noted.
Input Power-On
VB Load = 1A
ENCH Turn-On
VB Load = 1A
CH1: VB
1V/div.
CH2: VSTRG
10V/div.
CH3: VSW
10V/div.
CH1:IL
1A/div.
CH1: VB
1V/div.
CH2: VSTRG
10V/div.
CH3: VSW
10V/div.
CH1:IL
1A/div.
50ms/div.
50ms/div.
Storage Release
VB Load = 10mA, CSTRG = 100µFx2
Storage Release
VB Load = 1A, CSTRG = 100µFx2
CH1: VB
1V/div.
CH2: VSTRG
10V/div.
CH3: VSW
10V/div.
CH1:IB
1A/div.
CH1: VB
1V/div.
CH2: VSTRG
10V/div.
CH3: VSW
10V/div.
CH1:IB
1A/div.
200ms/div.
5ms/div.
Storage Release
VB Load = 2A, CSTRG = 100µFx2
Storage Release
VB Load = 2A, CSTRG = 220µFx2
CH1: VB
1V/div.
CH2: VSTRG
10V/div.
CH3: VSW
10V/div.
CH1:IB
2A/div.
CH1: VB
1V/div.
CH2: VSTRG
10V/div.
CH3: VSW
10V/div.
CH1:IB
2A/div.
2ms/div.
5ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com