Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5455 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5455
Description  Peak Power Assist for Smart/AI-Enabled Speakers and Low-Power Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5455 Datasheet HTML 6Page - Monolithic Power Systems MP5455 Datasheet HTML 7Page - Monolithic Power Systems MP5455 Datasheet HTML 8Page - Monolithic Power Systems MP5455 Datasheet HTML 9Page - Monolithic Power Systems MP5455 Datasheet HTML 10Page - Monolithic Power Systems MP5455 Datasheet HTML 11Page - Monolithic Power Systems MP5455 Datasheet HTML 12Page - Monolithic Power Systems MP5455 Datasheet HTML 13Page - Monolithic Power Systems MP5455 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MP5455 – PEAK POWER ASSIST FOR LOW-POWER APPLICATIONS
MP5455 Rev. 1.01
www.MonolithicPower.com
10
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP5455 is an energy storage and
management unit in a QFN-20 (3mmx4mm)
package. The MP5455 provides a very compact
and efficient energy management solution for
applications requiring power back-up or hold-up
supplies. MPS’s patented lossless energy
storage and release management circuits use a
bidirectional buck/boost converter to achieve
optimal energy transfer and provide the most
cost-effective energy storage solution.
The integrated boost converter raises the
energy-storage voltage level. The storage
feedback resistor divider sets the storage
voltage. If the input shuts down suddenly, the
internal buck converter transfers the energy
from the storage capacitor to the bus and holds
the bus voltage when the system consumes
energy from the storage capacitor. The buck
converter can work in 100% duty cycle
operation
to
deplete
the
stored
energy
completely.
Start-Up
When VIN starts up, the bus voltage (VB) is
charged from 0 to VIN, approximately. The VB
rising slew rate is controlled by the dV/dt
capacitance. This function prevents input inrush
current and provides protection to the entire
system.
EHCH is used to enable the storage charge and
release circuitry. If ENCH is already high before
VB finishes the dV/dt process, the storage
charge circuitry works automatically when VIN
is higher than the under-voltage lockout (UVLO)
threshold (typically 2.5V). The storage charge
circuitry operates in two modes: pre-charge
mode (where STRG is charged to VB using a
current source) and boost mode (where STRG
is charged to set the voltage). The pre-charge
mode charges STRG up to VB using a near-
constant current source (around 130mA). When
STRG is close to VB and VB is higher than a
certain threshold (where the corresponding FBB
is higher than 0.813V), boost mode is initiated.
Boost mode charges STRG to the target
voltage. Figure 1 shows the charging build-up
process when ENCH is high before VB starts
up.
It is strongly recommended to enable ENCH
after VB has settled (see Figure 2). Since
release mode is triggered when FBB is lower
than 0.79V (although there is a 23mV
hysteresis between boost mode and release
mode), VB may be pulled back low and enter
release mode accidently. To prevent this,
enable ENCH after VB settles. In some high-
current
charges,
boost
mode
can
be
programmed by ICH. Figure 2 shows the
charging build-up process when ENCH is
enabled after VB settles.
Figure 1: Charging Process
Figure 2: Charging Process when EN and ENCH
Are Separated
Storage Voltage
After the start-up period, the internal boost
converter
regulates
the
storage
voltage
automatically to a set value. The MP5455 uses
burst mode to minimize the converter’s power
loss. When the storage voltage drops below the
set voltage, burst mode initiates and charges
the storage capacitor. During the burst period,
the current limit and the low-side MOSFET (LS-
FET) control the switch. When the LS-FET
turns on, the inductor current increases until it
reaches its current limit. The boost-current limit
can be programmed by an ICH resistor. By
VIN
EN&ENCH
VSTRG
Power-On Delay Time
STRG Pre-Charge Mode
VB
VB DVDT
Charge-Up
STRG Boost Mode
FBB=0.813V
VIN
EN
VSTRG
Power-On Delay Time
STRG Pre-Charge Mode
VB
VB DVDT
Charge-Up
ENCH
STRG Boost Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com