Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2930 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2930
Description  4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2930 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2930 Datasheet HTML 1Page - Monolithic Power Systems MP2930 Datasheet HTML 2Page - Monolithic Power Systems MP2930 Datasheet HTML 3Page - Monolithic Power Systems MP2930 Datasheet HTML 4Page - Monolithic Power Systems MP2930 Datasheet HTML 5Page - Monolithic Power Systems MP2930 Datasheet HTML 6Page - Monolithic Power Systems MP2930 Datasheet HTML 7Page - Monolithic Power Systems MP2930 Datasheet HTML 8Page - Monolithic Power Systems MP2930 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MP2930 - 4-PHASE PWM CONTROLLER WITH 8-BIT DAC CODE
MP2930 Rev. 1.01
www.MonolithicPower.com
3
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = 5V, unless otherwise noted.
Parameter
Test conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply
VCC=5VDC;
EN_PWR=5VDC;
RT=100k
Ω,
ISEN1=ISEN2=ISEN3=ISEN4=-70uA
18
26
mA
Shutdown Supply
VCC=5VDC; EN_PWR=0VDC;
RT=100
kΩ
14
21
mA
Power-on Reset and Enable
POR Threshold
VCC Rising
4.3
4.5
4.7
V
VCC Falling
3.7
3.9
4.2
V
EN_PWR Threshold
Rising
0.850
0.88
0.910
V
Hysteresis
-
130
-
mV
Falling
0.71
0.745
0.78
V
EN_VTT Threshold
Rising
0.850
0.88
0.910
V
Hysteresis
-
130
-
mV
Falling
0.71
0.745
0.78
V
Reference Voltage and DAC
System Accuracy of MP2930
(ID =1V to 1.6V, TJ=0
C to +70C)
-0.5
-
0.5
℅ID
System Accuracy of MP2930
(ID =0.5V to 1V, TJ=0
C to +70C)
-0.9
0.9
℅ID
ID Pull-Up
-60
-40
-20
μA
ID Input Low Level
-
-
0.4
V
ID Input High Level
0.8
-
-
V
VRSEL Input Low Level
-
-
0.4
V
VRSEL Input High Level
0.8
-
-
V
DAC Source Current
-
4
7
mA
DAC Sink Current
-
-
320
μA
Pin-adjustable Offset
Voltage at OFS Pin
Offset resistor connected to ground
380
400
420
mV
Voltage below VCC, offset resistor
connected to VCC
1.55
1.600
1.65
V
Oscillators
Accuracy of Switching Frequency
setting
RT=100
kΩ
225
250
275
kHz
Adjustment
Range
of
Switching
Frequency
0.08
-
1.0
MHz
Soft-Start Ramp Rate
RS=150
kΩ
-
1.563
-
mV/
μs
Adjustment
Range
of
Soft-Start
Ramp Rage
0.625
-
6.25
mV/
μs
Error Amplifier
Maximum Output Voltage
3.8
4.2
4.6
V
Output High Voltage @ 2mA
3.6
-
-
V
Output Low Voltage @ 2mA
-
-
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com