Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2930 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2930
Description  4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2930 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2930 Datasheet HTML 1Page - Monolithic Power Systems MP2930 Datasheet HTML 2Page - Monolithic Power Systems MP2930 Datasheet HTML 3Page - Monolithic Power Systems MP2930 Datasheet HTML 4Page - Monolithic Power Systems MP2930 Datasheet HTML 5Page - Monolithic Power Systems MP2930 Datasheet HTML 6Page - Monolithic Power Systems MP2930 Datasheet HTML 7Page - Monolithic Power Systems MP2930 Datasheet HTML 8Page - Monolithic Power Systems MP2930 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MP2930
4-Phase PWM Controller
With 8-Bit DAC code for VR10 and VR11
MP2930 Rev. 1.01
www.MonolithicPower.com
1
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DESCRIPTION
The MP2930 is a 4-phase, synchronous buck
switching
regulator
controller
for
regulating
microprocessor core voltage. MP2930 also uses
dual edge PWM mode to realize fast load
transient with fewer capacitors.
For meeting the requirement of microprocessor
output voltage drops tightly as load current
increases, output current is sensed to realize
voltage
droop
function.
Accurate
current
balancing is included in MP2930 to provide
current balance for each channel.
8-bit ID input with selectable VR11 code and
extended VR10 code can set output voltage
dynamically.
The MP2930 also provides accurate and reliable
over
current
protection
and
over
voltage
protection.
FEATURES
 2-, 3- or 4-phase Operation
 Channel-Current Balancing
 Voltage Droop vs. Load Current
 Precision Resistor or DCR Current Sensing
 8-Bit ID Input with Selectable Between VR11
and VR10 Code at 6.25mV Per Bit
 Adjustable Switching Frequency
 Over Current Protection
 Over Voltage Protection
 Available in a 40-pin QFN6x6 Package
APPLICATIONS
Power Modules
Desktop, Server, Core Voltage
POLs (Memory)
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION (4-PHASE BUCK CONVERTER)


Similar Part No. - MP2930

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2932 MPS-MP2932 Datasheet
465Kb / 23P
6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
MP2932GQK MPS-MP2932GQK Datasheet
465Kb / 23P
6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
MP2935 MPS-MP2935 Datasheet
1Mb / 42P
4-Phase PWM Controller for VR12.5 Applications
MP2935ADQK MPS-MP2935ADQK Datasheet
1Mb / 42P
4-Phase PWM Controller for VR12.5 Applications
MP2935DQK MPS-MP2935DQK Datasheet
1Mb / 42P
4-Phase PWM Controller for VR12.5 Applications
More results

Similar Description - MP2930

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6556A INTERSIL-ISL6556A Datasheet
702Kb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
December 29, 2004
logo
STMicroelectronics
L6714 STMICROELECTRONICS-L6714 Datasheet
677Kb / 70P
4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
07-Nov-2006
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
February 14, 2007
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
April 29, 2010
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
February 25, 2010
logo
Monolithic Power System...
MP2932 MPS-MP2932 Datasheet
465Kb / 23P
6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
logo
Altera Corporation
EC7401QI ALTERA-EC7401QI Datasheet
1Mb / 44P
4-Phase PWM Controller with 8-Bit DAC Code
logo
Intersil Corporation
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
logo
Renesas Technology Corp
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com