Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2930 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2930
Description  4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2930 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2930 Datasheet HTML 6Page - Monolithic Power Systems MP2930 Datasheet HTML 7Page - Monolithic Power Systems MP2930 Datasheet HTML 8Page - Monolithic Power Systems MP2930 Datasheet HTML 9Page - Monolithic Power Systems MP2930 Datasheet HTML 10Page - Monolithic Power Systems MP2930 Datasheet HTML 11Page - Monolithic Power Systems MP2930 Datasheet HTML 12Page - Monolithic Power Systems MP2930 Datasheet HTML 13Page - Monolithic Power Systems MP2930 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MP2930 - 4-PHASE PWM CONTROLLER WITH 8-BIT DAC CODE
MP2930 Rev. 1.01
www.MonolithicPower.com
10
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
Multiphase Power Conversion
The MP2930 is a multiphase regulators and it
can be programmed for 2-, 3- or 4-channel
operation
for
microprocessor
core.
The
switching of each channel in a multiphase
converter is timed to be symmetrically out-of-
phase with each of the other channels. The
interleaving work of each phase can help to
reduce of ripple current amplitude and to
reduce input ripple current.
PWM Operation
Under steady state conditions the operation of
the
MP2930
appears
to
be
that
of
a
conventional
trailing
edge
modulator.
Conventional analysis and design methods can
be used for steady state and small signal
operation.
Under load transition condition, the MP2930
can turn on all phase together to improve the
load transient. It can achieve excellent transient
performance and reduce the demand on the
output capacitors.
The default channel setting for the MP2930 is
four and the timing of each channel is set by the
number of active channels. The cycle time of
the pulse signal is the inverse of the switching
frequency set by the resistor between the FS
pin and GND.
For 4-channel operation, the channel firing
order is 4-3-2-1: PWM3 pulse happens 1/4 of a
cycle
after
PWM4,
PWM2
output
follows
another 1/4 of a cycle after PWM3, and PWM1
delays another 1/4 of a cycle after PWM2. For
3-channel operation, the channel firing order is
3-2-1.
Connecting PWM4 to VCC selects 3-phase
operation and the pulse times are spaced in 1/3
cycle increments. If PWM3 is connected to VCC,
2-phase operation is selected and the PWM2
pulse happens 1/2 of a cycle after PWM pulse.
Switching Frequency
The MP2930 switching frequency is set by the
external resistor RT between the FS pin and
GND. The resistor RT can be estimated by:
Equation (1).
SW
10
T
F
10
2.5
R
(1)
Where FSW is the switching frequency of each
phase.
Current Sensing
MP2930 has cycle by cycle current sense for
fast response. MP2930 adopts inductor DCR
sensing, or resistive sensing techniques. The
sense current, ISEN, is proportional to the
inductor current. The sensed current is used for
current
balance,
load-line
regulation,
and
overcurrent protection.
Inductor DCR Sensing
The MP2930 can adopt a lossless current
sensing scheme, commonly referred to as
inductor DCR sensing, as shown in Figure 2.
Figure 2
—DCR Sensing Configuration
Equation (2) shows the s-domain equivalent
voltage across the inductor VL.
DCR
L
s
L
I
L
V
(2)
A simple RC network across the inductor
extracts the DCR voltage, as shown in Figure 2.
The voltage on the capacitor VC is proportional
to the channel current IL, see Equation (3).
1
RC
s
L
I
DCR
1
DCR
L
s
C
V
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com