Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2930 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2930
Description  4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2930 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2930 Datasheet HTML 1Page - Monolithic Power Systems MP2930 Datasheet HTML 2Page - Monolithic Power Systems MP2930 Datasheet HTML 3Page - Monolithic Power Systems MP2930 Datasheet HTML 4Page - Monolithic Power Systems MP2930 Datasheet HTML 5Page - Monolithic Power Systems MP2930 Datasheet HTML 6Page - Monolithic Power Systems MP2930 Datasheet HTML 7Page - Monolithic Power Systems MP2930 Datasheet HTML 8Page - Monolithic Power Systems MP2930 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MP2930 - 4-PHASE PWM CONTROLLER WITH 8-BIT DAC CODE
MP2930 Rev. 1.01
www.MonolithicPower.com
5
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
ID6
ID inputs from microprocessor. These codes determine output regulation voltage.
2
ID5
3
ID4
4
ID3
5
ID2
6
ID1
7
ID0
8
VRSEL
Select internal ID code. When it is tied to GND, the extended VR10 is selected. When
it’s floated or tied to high, VR11 code is selected.
9
OFS
Offset between REF and DAC program pin. The OFS pin can be used to program a DC
offset current which will generate a DC offset voltage between the REF and DAC pins.
The polarity of the offset is selected by connecting the resistor to GND or VCC. For no
offset, the OFS pin should be left unconnected.
10
DAC
Internal DAC reference output determined by ID codes
11
REF
Error amplifier input. A capacitor 0.1uF is used between REF and GND to smooth the
voltage transition during Dynamic ID operations.
12
COMP
Error amplifier output pin. Tie to compensation network
13
FB
Output voltage feedback pin.
14
IDROOP
Current proportional to load current is flowed out through this pin
15
VDIFF
Remote sense amplifier output. VDIFF-GND=VSEN-RGND
16
RGND
Remote sense amplifier input. Remote output GND
17
VSEN
Remote sense amplifier input. Remote output.
18
SD
Shutdown Intelli-phase @ Hiz state. MP2930 cooperates with MPS Intelli-phase
MP86961 and SD pin is connected to the EN of MP86961.
19
VCC
Power supply. Connect this pin directly to a +5V supply.
20
PWM1
Phase 1 PWM output.
21
ISEN1+
Phase 1 current sense amplifier differential input
22
ISEN1-
23
ISEN4+
Phase 4 current sense amplifier differential input
24
ISEN4-
25
PWM4
Phase 4 PWM output. Connect PWM4 to VCC to configure for 3-phase operation.
26
PWM2
Phase 2 PWM output.
27
ISEN2+
Phase 1 current sense amplifier differential input
28
ISEN2-
29
ISEN3-
Phase 3 current sense amplifier differential input
30
ISEN3+
31
PWM3
Phase 3 PWM output. Connect PWM3 to VCC to configure for 2-phase operation.
32
EN_PWR
Enable pin. It is used to synchronize power-up of the controller and MOSFET driver
ICs.
33
EN_VTT
Enable pin. It is controlled by output of VTT voltage regulator in the mother board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com