Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2930 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2930
Description  4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2930 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2930 Datasheet HTML 1Page - Monolithic Power Systems MP2930 Datasheet HTML 2Page - Monolithic Power Systems MP2930 Datasheet HTML 3Page - Monolithic Power Systems MP2930 Datasheet HTML 4Page - Monolithic Power Systems MP2930 Datasheet HTML 5Page - Monolithic Power Systems MP2930 Datasheet HTML 6Page - Monolithic Power Systems MP2930 Datasheet HTML 7Page - Monolithic Power Systems MP2930 Datasheet HTML 8Page - Monolithic Power Systems MP2930 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MP2930 - 4-PHASE PWM CONTROLLER WITH 8-BIT DAC CODE
MP2930 Rev. 1.01
www.MonolithicPower.com
4
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
Operating conditions: VCC = 5V, unless otherwise noted.
Parameter
Test conditions
Min
Typ
Max
Units
Remote-sense Amplifier
Bandwidth
-
20
-
MHz
Output High Current
VSEN-RGND=2.5V
-100
-
100
μA
Output High Current
VSEN-RGND=0.6
-100
-
100
μA
PWM Output
PWM
Output
Voltage
Low
Threshold
ILOAD=±500
μA
-
-
0.5
V
PWM
Output
Voltage
High
Threshold
ILOAD=±500
μA
4.3
-
-
V
Current Sense and Over-current Protection
Sensed
Current
Tolerance(IDROOP)
ISEN1=ISEN2=ISEN3=ISEN4=50
μA
47
50
53
μA
Overcurrent
Trip
level
for
Average Current
72
85
98
μA
Peak Current Limit for Individual
Channel
120
μA
Thermal Monitoring and Fan Control
TM Input Voltage for VR_FAN
TRIP
1.55
1.65
1.75
V
TM Input Voltage for VR_FAN
Reset
1.85
1.95
2.05
V
TM Input Voltage for VR_HOT
Trip
1.3
1.4
1.5
V
TM Input Voltage for VR_HOT
Reset
1.55
1.65
1.75
V
Leakage current of VR_FAN
With
externally
pull-up
resistor
connected to VCC
-
-
30
μA
VR_RAN Low Voltage
IVR_FAN=4mA
-
-
0.4
V
Leakage Current of VR_HOT
With
externally
pull-up
resistor
connected to VCC
-
-
30
μA
VR_HOT Low Voltage
IVR_HOT=4mA
-
-
0.4
V
VR Ready and Protection Monitors
Leakage Current of VR_RDY
With
externally
pull-up
resistor
connected to VCC
-
-
30
μA
VR_RDY Low Voltage
IVR_RDY=4mA
-
-
0.4
V
Undervoltage Threshold
VDIFF Falling
48
50
52
℅ID
VR_RDY Reset Voltage
VDIFF Rising
58
60
62
℅ID
Overvoltage
Protection
Threshold
Before Valid ID
1.250
1.275
1.300
V
After valid ID, the voltage above ID
150
175
200
Mv
Overvoltage
Protection
Reset
Hysteresis
-
100
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com