Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4366-2 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4366-2
Description  28V MIL-STD-1275D Surge Stopper
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366-2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4366-2 Datasheet HTML 2Page - Linear Technology LTC4366-2 Datasheet HTML 3Page - Linear Technology LTC4366-2 Datasheet HTML 4Page - Linear Technology LTC4366-2 Datasheet HTML 5Page - Linear Technology LTC4366-2 Datasheet HTML 6Page - Linear Technology LTC4366-2 Datasheet HTML 7Page - Linear Technology LTC4366-2 Datasheet HTML 8Page - Linear Technology LTC4366-2 Datasheet HTML 9Page - Linear Technology LTC4366-2 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
dc2150af
DEMO MANUAL DC2150A
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
C13
CAP., X7R, 0.1µF, 100V 10% 1210
KEMET, C1210C104K1RAC7025
2
1
C14
CAP., X7R, 0.1µF, 500V 10% 1210
KEMET, C1210C104KCRACTU
3
0
C15, C28
CAP., OPT, 2220
OPTION
4
1
C17
CAP., X7R, 0.047µF, 100V 10% 0805
TDK, C2012X7R2A473K125AA
5
1
C18
CAP., ALUM., 68µF 50V 20% SMT
SUN ELECT., 50CE68LX
6
1
C19
CAP., X7R, 0.1µF, 100V 10% 0805
TDK, C2012X7R2A104K125AA
7
1
C20
CAP., X7R, 0.47µF, 100V 10% 0805
AVX, 08051C474KAZ2A
8
1
C22
CAP., X7R, 1µF, 16V 10% 0805
TDK, C2012X7R1C105K085AC
9
1
C25
CAP., X7R, 1µF, 250V 10% 2220
TDK, C5750X7R2E105K230KA
10
1
DP1
DIODE, TVS, OPT., SMB
VISHAY, P65MB150CA-E3/52
11
0
DP2
DIODE, TVS, OPT., SMC
OPTION
12
1
D2
DIODE, SWITCHING, SOT-323
DIODES INC., BAS21W-7-F
13
1
D3
DIODE, SCHOTTKY, 30V 200mA, SOT-23
DIODES INC., BAT54-7-F
14
1
D9
LED, GREEN, DIFFUSED, 0805
AVAGO, HSMG-C170
15
4
E1, E3, E6, E7
BANANA JACK, NON-INSULATED
KEYSTONE, 575-4
16
3
E2, E5, E11
TEST POINT, TURRET, 0.061, PBF
MILL-MAX, 2308-2-00-80-00-00-07-0
17
4
E4, E8, E9, E10
TEST POINT, TURRET, 0.094, PBF
MILL-MAX, 2501-2-00-80-00-00-07-0
18
1
JP1
HEADER, 2X2 PIN, 0.079CC
SULLINS, NRPN022PAEN-RC
19
4
MP1, MP2, MP3, MP4
STANDOFF, NYLON 0.5"
KEYSTONE, 8833 (SNAP ON)
20
2
Q5, Q6
TRANSISTOR, DUAL NPN, SOT-363
DIODES INC., MMDT5551-7-F
21
2
R1, R2
RES., CHIP, HIGH POWER, 100Ω, 3/4W, 5% 1210
VISHAY, CRCW1210100RJNEAHP
22
1
R4
RES., CHIP, 237k, 1/4W, 1% 1206
VISHAY, CRCW1206237KFKEA
23
1
R5
RES., CHIP, 100Ω, 1/8W, 1% 0805
YAGEO, RC0805FR-07100RL
24
1
R6
RES., CHIP, 10Ω, 1/8W, 5% 0805
VISHAY, CRCW080510R0JNEA
25
1
R7
RES., CHIP, 10k, 1/4W, 5% 1206
PANASONIC, ERJ-8GEYJ103V
26
1
R8
RES., CHIP, 30.1Ω, 1/8W, 1% 0805
VISHAY, CRCW080530R1FKEA
27
1
R9
RES., CHIP, 12.1k, 1/8W, 1% 0805
VISHAY, CRCW080512K1FKEA
28
1
R10
RES., CHIP, 1k, 1/2W, 1% 1210
VISHAY, CRCW1210KOOFKEA
29
2
R11, R13
RES., CHIP, 332k, 1/8W, 1% 0805
VISHAY, CRCW0805332KFKEA
30
1
R12
RES., CHIP, 649k, 1/4W, 1% 1206
VISHAY, CRCW1206649KFKEA
31
3
R14, R26, R27
RES., CHIP, 301k, 1/8W, 1% 0805
VISHAY, CRCW0805301KFKEA
32
2
R15, R19
RES., CHIP, 10k, 1/8W, 1% 0805
VISHAY, CRCW080510K0FKEA
33
3
R16, R17, R18
RES., CHIP, 18.2k, 1/2W, 1% 1210
VISHAY, CRCW121018K2FKEA
34
1
R20
RES., CHIP, 100k, 1/8W, 1% 0805
VISHAY, CRCW0805100KFKEA
35
0
R23
RES., CHIP, OPT, 0805
OPTION
36
1
R28
RES., CHIP, 1k, 1/8W, 5% 0805
NIC, NRC10J102TRF
37
1
R33
RES., CHIP, 9.31k, 1/2W, 1% 1210
PANASONIC, ERJ-14NF9311U
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com