Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4366-2 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4366-2
Description  28V MIL-STD-1275D Surge Stopper
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366-2 Datasheet(HTML) 3 Page - Linear Technology

  LTC4366-2 Datasheet HTML 1Page - Linear Technology LTC4366-2 Datasheet HTML 2Page - Linear Technology LTC4366-2 Datasheet HTML 3Page - Linear Technology LTC4366-2 Datasheet HTML 4Page - Linear Technology LTC4366-2 Datasheet HTML 5Page - Linear Technology LTC4366-2 Datasheet HTML 6Page - Linear Technology LTC4366-2 Datasheet HTML 7Page - Linear Technology LTC4366-2 Datasheet HTML 8Page - Linear Technology LTC4366-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
dc2150af
DEMO MANUAL DC2150A
Unless otherwise specified, the description of circuit
operation that follows applies to the default assembly
option DC2150A-C.
100V/500ms Surge
In MIL-STD-1275D, the worst-case MOSFET power dis-
sipation condition occurs during the 100V input surge.
The circuit shown in the schematic diagram regulates the
output voltage to 44V. As a result, the circuit must drop
56V from the 100V input to the 44V output. In this MIL-
STD-1275D solution, to increase power available at the
output, two series MOSFETs are used. The first MOSFET’s
(Q3’s) source is regulated to 66V by the LTC4366, while
the second MOSFET’s (Q4’s) source is regulated to 44V
by the LT4363. This reduces the power that must be dis-
sipated in either single MOSFET.
Figures 1 and 2 show the results measured during surge
testing. The oscilloscope waveform in Figure 1 shows this
circuit operating through the full 100V/500ms MIL-STD-
1275D surge requirement. Figure 2 shows this circuit
operating through the less stringent 100V/50ms pulses
described in MIL-STD-1275D’s recommended tests.
±250V Spike and Reverse Input Protection
The 250V spike condition is handled by MOSFET Q3. It
is rated to withstand over 300V from drain to source,
blocking the 250V spike condition seen at the input. MIL-
STD-1275D specifies that the input energy is limited to
15mJ which is easily handled by this MOSFET. Figure 3
shows the results of the 250V spike measured during
MIL-STD-1275D testing.
Similarly, the –250V spike test result is shown in Figure 4.
In this condition, diode D4 is reverse biased during the
–250V spike, blocking the spike from Q4 and the output.
CIRCUIT OPERATION
Figure 1. MIL-STD-1275D 100V/500ms Surge Test
Figure 2. MIL-STD-1275D 100V/50ms Surge
Repeated Five Times
100ms/DIV
VIN
20V/DIV
VOUT
20V/DIV
IOUT
2A/DIV
100V
43V
4.3A
28V
27V
2.7A
RLOAD = 10
500ms/DIV
VIN
20V/DIV
VOUT
20V/DIV
IOUT
2A/DIV
28V
27V
27V
27V
2.7A
RLOAD = 10
100V
43V
4.3A
Figure 3. Positive Input Spike
1µs/DIV
VIN
50V/DIV
VOUT
50V/DIV
IOUT
5A/DIV
250V SPIKE
28V
27V
2.7A
RLOAD = 10
Figure 4. Negative Input Spike
1µs/DIV
VIN
50V/DIV
VOUT
50V/DIV
IOUT
5A/DIV
−250V SPIKE
2.7A
28V
27V
RLOAD = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com