Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4366-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4366-2
Description  28V MIL-STD-1275D Surge Stopper
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC4366-2 Datasheet HTML 1Page - Linear Technology LTC4366-2 Datasheet HTML 2Page - Linear Technology LTC4366-2 Datasheet HTML 3Page - Linear Technology LTC4366-2 Datasheet HTML 4Page - Linear Technology LTC4366-2 Datasheet HTML 5Page - Linear Technology LTC4366-2 Datasheet HTML 6Page - Linear Technology LTC4366-2 Datasheet HTML 7Page - Linear Technology LTC4366-2 Datasheet HTML 8Page - Linear Technology LTC4366-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
dc2150af
DEMO MANUAL DC2150A
PCB LAYOUT
DC2150A is designed to withstand input voltages from
250V to –250V when the optional 150V bidirectional TVS
DP1 is removed. The maximum positive input voltage is
limited by the 300V BVDSS rating of the input MOSFET
(Q1 on DC2150A-A/DC2150A-B, and Q3 on DC2150A-C/
DC2150A-D). The negative input voltage is limited by the
series diode (D1 on DC2150A-A/DC2150A-B, and D4 on
DC2150A-C/DC2150A-D).
Upstream of the RIPCAP node, spacings and component
package sizes have been chosen to support the high
voltages that may be present. Traces and components
downstream of the RIPCAP node are limited to less than
67V by Q1/Q3 and the LTC4366. Negative voltages are
blocked from traces and components downstream of the
RIPCAP node by D1/D4.
Top Silkscreen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com