Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4366-2 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4366-2
Description  28V MIL-STD-1275D Surge Stopper
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366-2 Datasheet(HTML) 4 Page - Linear Technology

  LTC4366-2 Datasheet HTML 1Page - Linear Technology LTC4366-2 Datasheet HTML 2Page - Linear Technology LTC4366-2 Datasheet HTML 3Page - Linear Technology LTC4366-2 Datasheet HTML 4Page - Linear Technology LTC4366-2 Datasheet HTML 5Page - Linear Technology LTC4366-2 Datasheet HTML 6Page - Linear Technology LTC4366-2 Datasheet HTML 7Page - Linear Technology LTC4366-2 Datasheet HTML 8Page - Linear Technology LTC4366-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
dc2150af
DEMO MANUAL DC2150A
CIRCUIT OPERATION
D4 additionally provides reverse polarity protection,
preventing negative input voltages from showing up at
the output. (The LTC4366 surge stopper in front of D4 is
capable of withstanding reverse voltages and the –250V
spike without additional protection.)
An optional bidirectional TVS (Transient Voltage Suppres-
sor) is present at the input to provide extra protection. Its
150V breakdown voltage does not affect circuit operation
below 100V. For applications where a TVS is not desirable
at the input, this optional component can be removed.
Note that the output voltage trace (VOUT) during the MIL-
STD-1275D spike tests in Figures 3 and 4 shows high
frequency ringing which is a measurement artifact of the
large currents that flow in supply and ground traces when
the 0.1µF test circuit capacitor is discharged directly at the
circuitinputwithallresistancesandinductancesminimized.
±7V Ripple
Satisfying the ripple specification of MIL-STD-1275D
requires several more components. Diode D4 in combi-
nation with capacitors C1-C12 form an AC rectifier. This
rectified signal appears at the RIPCAP node. The LT4363
in combination with sense resistor R3 limits the maximum
current to 5A (typical). If the rising edge of the input ripple
waveform attempts to pull up the output capacitor with
more than 5A, the LT4363 momentarily limits the current
by pulling down on Q4’s gate. To quickly restore the gate
voltage, the small charge pump formed by components
D5, D6, C24, C25, and C26 supplements the LT4363’s
internalchargepumptoquicklypullupMOSFETQ4’sgate.
Even still, the available load current must be reduced to
2.8A during this ripple condition. Figure 5 shows that the
output remains powered during ripple testing.
Finally,thermalprotectionisimplementedbycomponents
R25,R26,R27,Q6-1,Q6-2,Q5-1andthermistorR29.Ifthe
temperatureatQ4’sheatsinkexceeds105°C,theLT4363’s
UV pin is pulled down by Q5-1 to force off MOSFET Q4
and limit its maximum temperature.
Starting Mode Initial Engagement Surge
Itshouldalsobenotedthatwiththespecifiedcomponents,
this circuit is only guaranteed to work down to a minimum
of 8V during the starting mode initial engagement surge
rather than the minimum 6V specified in MIL-STD-1275D.
DC2150A Assembly Options
Assembly options DC2150A-B and DC2150A-D eliminate
capacitors C1-C12 to reduce total solution cost. In those
assembly options, C25, C27, R31, R32, D7-1, and D7-2
inject a small current into the LT4363’s TIMER on each
rising edge of the input ripple (which appears at the
SOURCE1 node). In the face of ripple, those components
will force the LT4363 to timeout quickly and turn off Q4.
Figure 5. 14VP-P Input Ripple Condition
10ms/DIV
VIN
5V/DIV
VOUT
5V/DIV
IOUT
1A/DIV
21V
20.3V
RLOAD = 10
34V
35V
28V
27.15V
2.715A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com