Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4366-2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4366-2
Description  28V MIL-STD-1275D Surge Stopper
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366-2 Datasheet(HTML) 1 Page - Linear Technology

  LTC4366-2 Datasheet HTML 1Page - Linear Technology LTC4366-2 Datasheet HTML 2Page - Linear Technology LTC4366-2 Datasheet HTML 3Page - Linear Technology LTC4366-2 Datasheet HTML 4Page - Linear Technology LTC4366-2 Datasheet HTML 5Page - Linear Technology LTC4366-2 Datasheet HTML 6Page - Linear Technology LTC4366-2 Datasheet HTML 7Page - Linear Technology LTC4366-2 Datasheet HTML 8Page - Linear Technology LTC4366-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
dc2150af
DEMO MANUAL DC2150A
DESCRIPTION
LTC4366-2/LT4363-2
28V MIL-STD-1275D Surge Stopper
Demonstration circuit 2150A uses the LTC®4366-2 and
LT4363-2 surge stoppers to satisfy MIL-STD-1275D. This
specification, created by the United States Department of
Defense, sets down requirements of electrical systems
powered from a military vehicle’s 28V power supply.
DC2150A’s output voltage is limited to 44V when faced
with MIL-STD-1275D’s onerous surge, spike, and ripple
conditions. In most circumstances, satisfying MIL-STD-
1275D is as simple as placing this circuit in front of a 44V
tolerant device. The default version, DC2150A-C, provides
a minimum of 4A to the output in all conditions except the
±7V ripple condition (14Vpeak-to-peak). During the ripple
condition, DC2150A-C provides a minimum of 2.8A to the
load. Exceeding 2.8A during the input ripple condition
may cause DC2150A-C to timeout and shutoff in less than
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
PERFORMANCE SUMMARY
MIL-STD-1275D’soneminuterippleride-throughrequire-
ment. DC2150A’s MOSFETs are protected against output
overloads by current limiting. Sustained overvoltage or
overcurrent conditions cause the circuit to turn off after a
timer delay. It automatically retries after a cooldown cycle.
DANGER! HIGH VOLTAGE TESTING SHOULD BE
PERFORMED BY QUALIFIED PERSONNEL ONLY.
AS A SAFETY PRECAUTION AT LEAST TWO PEOPLE
SHOULD BE PRESENT DURING HIGH VOLTAGE
TESTING.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2150A
Specifications for DC2150A-C are at TA = 25°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
Operating
8
28
40
V
500ms Surge
100
V
Survival (with Optional TVS Removed)
–250
250
V
Output Regulation Voltage
41
43.6
46
V
Current Limit
4.4
5
5.6
A


Similar Part No. - LTC4366-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
High Voltage Surge Stopper
More results

Similar Description - LTC4366-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
Surge Stopper
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Linear Technology
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
Surge Stopper
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
High Voltage Surge Stopper
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
Surge Stopper
01/20-REV.C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com