Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4609 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4609
Description  40A 關Module Regulator with Overvoltage/ Overtemperature Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 5Page - Linear Technology LTM4609 Datasheet HTML 6Page - Linear Technology LTM4609 Datasheet HTML 7Page - Linear Technology LTM4609 Datasheet HTML 8Page - Linear Technology LTM4609 Datasheet HTML 9Page - Linear Technology LTM4609 Datasheet HTML 10Page - Linear Technology LTM4609 Datasheet HTML 11Page - Linear Technology LTM4609 Datasheet HTML 12Page - Linear Technology LTM4609 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LTM4636-1
9
46361fa
For more information www.linear.com/LTM4636-1
PIN FUNCTIONS
HIZREG (F3): When this pin is pulled low the power stage
is disabled into high impedance. Tie this pin to VIN or
INTVCC for normal operation.
OVER_TEMP (D10): This overtemperature protection is
programmable with an internal monitor that is referenced
to the TMON pin and the OTP_SET pin. The OVER_TEMP
pin can be used to alert the system if the module regulator
overheats, and this signal can be used to trip off and retry
an electronic circuit breaker in a fault condition. The pin
is an open collector that pulls active low in response to
OVER_TEMP.TheOVER_TEMPpincanbeleftfloatingifnot
used. See the Applications Information section for details.
SGND(F4,G4):SignalGroundPin.Returngroundpathfor
all analog and low power circuitry. Tie a single connection
to the output capacitor GND in the application. See layout
guidelines in Figure 18.
INTVCC (F6): Internal 5.5V LDO for Driving the Control
Circuitry in the LTM4636-1. INTVCC is controlled and
enabled when RUNC is activated high.
FREQ (G5): A resistor can be applied from this pin to
ground to set the operating frequency. This pin sources
20µA. See the Applications Information section.
PHMODE (G7): This pin can be voltage programmed to
changethephaserelationshipoftheCLKOUTpinwithrefer-
ence to the internal clock or an input synchronized clock.
The INTVCC (5.5V) output can be voltage divided down to
the PHASMD pin to set the particular phase. The Electri-
cal Characteristics show the different settings to select a
particularphase.SeetheApplicationsInformationsection.
RUNP (G8): This pin enables the PVCC supply. This pin
can be connected to VIN, or tie to ground when connecting
PVCC to VIN ≤ 5.5V. RUNP needs to sequence up before
RUNC. A 15k resistor from PVCC to RUNC with a 0.1µF
capacitor will provide enough delay. In parallel operation
with multiple LTM4636-1s, the resistor can be reduced in
value by N times and the 0.1µF can be increased N times.
SeeApplicationsInformationsection.RUNPcanbeusedto
set the minimum UVLO with a voltage divider. See Figure 1.
PVCC (F9): 5V Power Output and Power for Internal Power
MOSFETDrivers.Theregulatorcanpower50mAofexternal
sourcing for additional use. Place a 22µF ceramic filter
capacitor on this pin to ground. When VIN < 5.5V, tie VIN
and PVCC together. Then tie RUNP to GND. If VIN > 5.5V
then operate PVCC regulator as normal. See the Typical
Application examples.
OVP_SET (E12): This pin is used to set the output overvolt-
agetrippoint.Thispinhasa24.9kΩresistoronittoground.
See the Applications Information section. Float is not used.
BIAS (G9): This pin is used to power the OTP and OVP
circuitry independently of the main power feed. See the
Applications Information section.
TEMP+ (G12): Temperature Monitor. An internal diode
connected NPN transistor. See the Applications Informa-
tion section.
OTP_SET(F11):Thispinisusedtosettheovertemperature
set point. The pin has a 24.9k resistor on it to ground.
See Applications Information section. Float if not used.
TEMP– (G11): Low Side of the Internal Temperature
Monitor.
CLKOUT (G3): Clock out signal that can be phase selected
to the main internal clock or synchronized clock using
the PHASMD pin. CLKOUT can be used for multiphase
applications. See the Applications Information section.
TEST1 (H4), TEST2 (F5), TEST3 (H2), GMON (H9):These
are test pins used in the final production test of the part.
Leave floating.
VIN (H5-H6, J4-J7, K4-K8, L4-L8, M4-M8): Power Input
Pins. Apply input voltage between these pins and GND
pins. Recommend placing input decoupling capacitance
directly between VIN and GND pins.
PWM(H7):PWMoutputthatdrivesthepowerstage.Primar-
ily used for test, but can be monitored in debug or testing.
TMON(H8):TemperatureMonitorPin.Internaltemperature
monitor,variesfrom1.0Vat25°Cto1.44Vat150°C,disables
power stage at >150°C. The OTP_Trip signal is set to trip
off at a value lower than 150°C. If the temperature moni-
tor feature is not desired, then tie the TMON pin to GND.
SW (L11, K11): These are pin connections to the internal
switch node for test evaluation and monitoring. An R-C
snubber can be placed from the switch pins to GND to
eliminate any high frequency ringing. See the Applications
Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com