Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4609 Datasheet(PDF) 38 Page - Linear Technology

Part # LTM4609
Description  40A 關Module Regulator with Overvoltage/ Overtemperature Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 30Page - Linear Technology LTM4609 Datasheet HTML 31Page - Linear Technology LTM4609 Datasheet HTML 32Page - Linear Technology LTM4609 Datasheet HTML 33Page - Linear Technology LTM4609 Datasheet HTML 34Page - Linear Technology LTM4609 Datasheet HTML 35Page - Linear Technology LTM4609 Datasheet HTML 36Page - Linear Technology LTM4609 Datasheet HTML 37Page - Linear Technology LTM4609 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
LTM4636-1
38
46361fa
For more information www.linear.com/LTM4636-1
LINEAR TECHNOLOGY CORPORATION 2017
LT 1217 REV A • PRINTED IN USA
www.linear.com/LTM4636-1
RELATED PARTS
DESIGN RESOURCES
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTM4609
Buck-Boost DC/DC µModule Family
All Pin Compatible; Up to 5A; Up to 36VIN, 34VOUT 15mm × 15mm × 2.82mm
LTM4612
Ultralow Noise High VOUT DC/DC µModule Regulator
5A, 5V ≤ VIN ≤ 36V, 3.3V ≤ VOUT ≤ 15V, 15mm × 15mm × 2.82mm Package
LTM4627
15A DC/DC µModule Regulator
4.5V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5V, LGA and BGA Packages
LTM4620
Dual 13A, Single 26A DC/DC µModule Regulator
Up to 100A with Four in Parallel, 4.5V ≤ VIN ≤ 16V, 0.6V ≤ VOUT ≤ 2.5V
LTM4636
LTM4636-1 without Overvoltage/Overtemperature
Protection
4.75V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 3.3V, 16mm × 16mm × 7.12mm BGA
5V to 2.5V at 30A Design
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
COMPA
COMPB
TK/SS
RUNC
RUNP
HIZREG
FREQ
MODE/PLLIN
TMON
VOUT
TEMP+ TEMP– SNSP1 SNSP2 SGND
VIN
15k
47k
CSS
0.1µF
22µF
2.5V AT 35A
VOLTAGE OUT TEMP MONITOR
0.1µF
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
5V
100µF
25V
INTVCC
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
INTVCC
INTVCC
LTM4636-1
PVCC
PGND
VOUTS1+
VOUTS1–
VFB
+
470µF
4V
470µF
4V
+
+
RFB
1.58k
100µF ×3
6.3V
47pF
46361 TA02
SGND
SGND
SGND
PINS NOT USED IN CIRCUIT LTM4636-1:
CLKOUT, GMON, PGOOD, PHMODE,
PWM, SW, TEST1, TEST2, TEST3,
CROWBAR, BIAS, OVP_SET, OTP_SET,
OVER_TEMP, OVP_TRIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com