Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4609 Datasheet(PDF) 27 Page - Linear Technology

Part # LTM4609
Description  40A 關Module Regulator with Overvoltage/ Overtemperature Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 23Page - Linear Technology LTM4609 Datasheet HTML 24Page - Linear Technology LTM4609 Datasheet HTML 25Page - Linear Technology LTM4609 Datasheet HTML 26Page - Linear Technology LTM4609 Datasheet HTML 27Page - Linear Technology LTM4609 Datasheet HTML 28Page - Linear Technology LTM4609 Datasheet HTML 29Page - Linear Technology LTM4609 Datasheet HTML 30Page - Linear Technology LTM4609 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
LTM4636-1
27
46361fa
For more information www.linear.com/LTM4636-1
APPLICATIONS INFORMATION
input voltage will source very large currents to ground
throughthefailedinternaltopMOSFETandenabledinternal
bottom MOSFET. This can cause excessive heat and board
damage depending on how much power the input voltage
can deliver to this system. A fuse or circuit breaker can be
used as a secondary fault protector in this situation. The
LTM4636-1hastheenhancedovertemperatureprotection
discussedearlierandschematicapplicationswillbeshown
at the end of the data sheet.
Layout Checklist/Example
The high integration of the LTM4636-1 makes the PCB
board layout very simple and easy. However, to optimize
its electrical and thermal performance, some layout
considerations are still necessary.
• Use large PCB copper areas for high current paths,
including VIN, GND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output
capacitors next to the VIN, GND and VOUT pins to
minimize high frequency noise.
• Place a dedicated power ground layer underneath the
unit.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
• Do not put vias directly on the pad, unless they are
capped or plated over.
• Place test points on signal pins for testing.
• Use a separated SGND ground copper area for
components connected to signal pins. Connect the
SGND to GND underneath the unit.
• Forparallelmodules,tietheCOMPandVFBpinstogether.
Use an internal layer to closely connect these pins
together.
• Add RSNUB (2.2 ) and CSNUB (2200pF) to dampen
switch ringing.
Figure19givesagoodexampleoftherecommendedlayout.
Figure 19. Recommended PCB Layout
1
M
L
K
J
H
G
F
E
D
C
B
A
2
3
4
5
6
7
VOUT
VOUT
COUT1
CIN2
CIN1
CIN4
CIN3
COUT2
VOUT
GND
TEMP SENSE
GND
GND
46361 F19
VIN
GND
8
9
10 11 12
COUT3 COUT4
RFREQ
RSNUB
0805
CSNUB
0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com