Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4609 Datasheet(PDF) 32 Page - Linear Technology

Part # LTM4609
Description  40A 關Module Regulator with Overvoltage/ Overtemperature Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 28Page - Linear Technology LTM4609 Datasheet HTML 29Page - Linear Technology LTM4609 Datasheet HTML 30Page - Linear Technology LTM4609 Datasheet HTML 31Page - Linear Technology LTM4609 Datasheet HTML 32Page - Linear Technology LTM4609 Datasheet HTML 33Page - Linear Technology LTM4609 Datasheet HTML 34Page - Linear Technology LTM4609 Datasheet HTML 35Page - Linear Technology LTM4609 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LTM4636-1
32
46361fa
For more information www.linear.com/LTM4636-1
TYPICAL APPLICATIONS
Figure 28. 12V to 0.9V, A1/60A with Circuit Breaker Front End and Overtemperature and Overvoltage Protection
46361 F28
1k
0.001
10nF
20k
10k
SOURCE
SENSE–
SENSE+
GND
GATE
LTC4218
FB
VDD
UV
OV
IMON
TIMER
INTVCC
FLT
PG
ISET
PGOOD
10
M2
PSMN2R0-30YLE
RSENSE TRIP = 15mV, 30A
KELVIN SENSE
107k
10k
100k
TRIP
10k
7.5k
ON
OFF
AUX_UV1
9.53k
SMBJ16A
0.1µF
1000pF
0.01µF
0.01µF
20k
INPUT CURRENT MONITOR
GRN LED
GRN LED
9V TO 14V INPUT
0.001
10k
RED LED
RED LED
IN
LT1761-5
SHDN
OUT
BYP
GND
0.47µF
10µF
5VBIAS
+
COMPA
COMPB
TK/SS
RUNC
RUNP
HIZREG
OVP_SET
OTP_SET
OTP_SET
TEMP+ TEMP– SNSP1 SNSP2 SGND
VIN
34.8k
22µF
100k
M1
0.01µF
100k
VOLTAGE OUT
TEMP MONITOR
22µF
16V
22µF
16V
22µF
16V
150µF
35V
9V TO 14V
9V TO 14V
9V TO 14V
INTVCC2
RUNC
RUNP
CLK2
CLK1
COMP
TK/SS
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
INTVCC
INTVCC2
5V PVCC2
5V
U2
LTM4636
PVCC
PGND
VFB
VOUTS1–
VFB
BIAS
PWM2 TP
470µF
6.3V
+
470µF
6.3V
100µF
6.3V
×3
GND_SNS
2.2, 0805
2200pF
2.2, 0805
2200pF
VOUT
+
COMPA
COMPB
TEMP+ TEMP– SNSP1 SNSP2 SGND
VIN
34.8k
4.99k
5V
PVCC1
VOLTAGE OUT
TEMP MONITOR
CSS
0.47µF
0.47µF
TRIP
INTVCC1
RUNC
RUNP
CLK1
COMP
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
INTVCC
INTVCC1
U1
LTM4636
PGND
VFB
VFB
PWM1 TP
470µF
6.3V
RFB
10k
+
470µF
6.3V
100µF
6.3V
×3
VOUTS1–
VOUTS1+
0.9V AT 160A
+
COMPA
COMPB
TK/SS
RUNC
RUNP
HIZREG
TMON
PWM
SW
VOUT
TEMP+ TEMP– SNSP1 SNSP2 SGND
VIN
34.8k
GND_SNS
VOLTAGE OUT
TEMP MONITOR
INTVCC3
RUNC
RUNP
CLK3
CLK2
TK/SS
COMP
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
PINS NOT USED IN CIRCUIT U2:
PGOOD, TEST1, TEST2, TEST3,
TEST4, VOUTS1, GMON
PINS NOT USED IN CIRCUIT U1:
PGOOD, TEST1, TEST2, TEST3,
TEST4, GMON, OVP_TEMP,
OVP_SET, CROWBAR
PINS NOT USED IN CIRCUIT U3:
PGOOD, TEST1, TEST2, TEST3,
TEST4, VOUTS1, GMON, OVP_TEMP,
OVP_SET, CROWBAR
PINS NOT USED IN CIRCUIT U4:
PGOOD, TEST1, TEST2, TEST3,
TEST4, VOUTS1, GMON, OVP_TEMP,
OVP_SET, CROWBAR, CLKOUT
INTVCC
INTVCC3
U3
LTM4636
PGND
VFB
VFB
PWM3 TP
470µF
6.3V
+
470µF
6.3V
100µF
6.3V
×3
GND_SNS
2.2, 0805
2200pF
+
COMPA
COMPB
TK/SS
RUNC
RUNP
HIZREG
TMON
PWM
SW
VOUT
TEMP+ TEMP– SNSP1 SNSP2 SGND
VIN
34.8k
VOLTAGE OUT
TEMP MONITOR
INTVCC4
RUNC
RUNP
CLK3
COMP
TK/SS
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
INTVCC
INTVCC4
U4
LTM4636
PGND
VFB
VOUTS1–
VFB
PWM4 TP
470µF
6.3V
470µF
6.3V
100µF
6.3V
×3
GND_SNS
2.2, 0805
2200pF
100pF
VOUTS1–
+
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
PHMODE
FREQ
MODE/PLLIN
CLKOUT
OVER_TEMP
66.5k (130°C)
22µF
5V PVCC1
5V
PVCC
BIAS
66.5k
22µF
5V PVCC3
5V
PVCC
BIAS
66.5k
OTP_SET
22µF
5V PVCC4
5V
PVCC
BIAS
66.5k
OTP_SET
TMON
PWM
SW
VOUT
VOUT
TMON
CROWBAR
PWM
SW
+
RUNC
RUNP
TK/SS
SGND
M1: 5UD50N03-07
OVER_TEMP
OVP_TRIP
TRIP
OVER_TEMP
TRIP
OVER_TEMP
TRIP
PHMODE
FREQ
MODE/PLLIN
CLKOUT
PHMODE
FREQ
MODE/PLLIN
CLKOUT
PHMODE
FREQ
MODE/PLLIN
0.1
1210
HIZREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com