Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4609 Datasheet(PDF) 31 Page - Linear Technology

Part # LTM4609
Description  40A 關Module Regulator with Overvoltage/ Overtemperature Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 27Page - Linear Technology LTM4609 Datasheet HTML 28Page - Linear Technology LTM4609 Datasheet HTML 29Page - Linear Technology LTM4609 Datasheet HTML 30Page - Linear Technology LTM4609 Datasheet HTML 31Page - Linear Technology LTM4609 Datasheet HTML 32Page - Linear Technology LTM4609 Datasheet HTML 33Page - Linear Technology LTM4609 Datasheet HTML 34Page - Linear Technology LTM4609 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
LTM4636-1
31
46361fa
For more information www.linear.com/LTM4636-1
TYPICAL APPLICATIONS
LOAD CURRENT (A)
0
95
85
75
90
80
70
65
60
50 60 70
90 100 110
40
20 30
80
46361 F25
120
10
46361 F26
VOUT
40mV DROOP
30A/µs STEP
INTERNAL COMPENSATION
COUT = 6× 470µF 6V TPD POS CAP, 12 × 100µf CERAMIC
FURTHER OPTIMIZATION CAN BE UTILIZED WITH EXTERNAL COMP
VIN to VOUT Short
VOUT
1V/DIV
CROWBAR GATE
5V/DIV
SWITCH
10V/DIV
VIN AFTER HOT
SWAP CIRCUIT
BREAKER 10V/DIV
100ms/DIV
46361 F27
Figure 25. Efficiency, 12V to 0.9V at 120A
Figure 26. 12V to 0.9V 30A/µs Load Step
Figure 27. 12V to 0.9V Overvoltage Trip
Figure 23. DC2448A Demo Board
46361 F24
Figure 24. Thermal Plot, 12V to 0.9V at 120A, 400LFM Air Flow
46361 F23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com