Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8049 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8049
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 4Page - Linear Technology LTM8049 Datasheet HTML 5Page - Linear Technology LTM8049 Datasheet HTML 6Page - Linear Technology LTM8049 Datasheet HTML 7Page - Linear Technology LTM8049 Datasheet HTML 8Page - Linear Technology LTM8049 Datasheet HTML 9Page - Linear Technology LTM8049 Datasheet HTML 10Page - Linear Technology LTM8049 Datasheet HTML 11Page - Linear Technology LTM8049 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTM4653
8
Rev 0
For more information www.analog.com
PIN FUNCTIONS
VIN (A1-A3, B3): Power Input Pins. Apply input voltage
and input decoupling capacitance directly between VIN
and a ground (PGND) plane.
VD (A4, B4, C4): Drain of the Converter’s Primary Switch-
ing MOSFET. Apply at minimum one 4.7µF high frequency
ceramic decoupling capacitor directly from VD to PGND.
Give this capacitor higher layout priority (closer proximity
to the module) than any VIN decoupling capacitors.
SVIN (C3): Input Voltage Supply for Small-Signal Circuits.
SVIN is the input to the INTVCC LDO. Connect SVIN directly
to VIN. No decoupling capacitor is needed on this pin.
PGND (A5, B5, C5, D5, E5, F5, G4-5, H3, H5, J3-5, K4-
5, L4-5): Power Ground Pins of the LTM4653. Connect
all pins to the application’s PGND plane.
VOUT (K1-3, L1-3): Power Output Pins of the LTM4653.
Connectallpinstotheapplication’spowerVOUTplane.Apply
the output filter capacitors and the output load between
a power VOUT plane and the application’s PGND plane.
GND (D4): Ground Pin of the LTM4653. Electrically con-
nect to the application’s PGND plane.
VOSNS(G1,H1):OutputVoltageSenseandFeedbackSignal.
Connect VOSNS to VOUT at the point of load (POL). Pins G1
and H1 are electrically connected to each other internal to
the module, and thus it is only necessary to connect one
VOSNS pin to VOUT at the POL. The remaining VOSNS pin
can be used for redundant connectivity or routed to an ICT
test point for design-for-test considerations, as desired.
SGND (E4, G2, H2): Signal Ground Pins of the LTM4653.
Connect Pin H2 to PGND directly under the LTM4653. The
SGND pins at locations E4 and G2 are electrically con-
nected to each other internal to the module, and thus it is
only necessary to connect one SGND pin to PGND under
the module. The remaining SGND pins can be used for
redundant connectivity or routed to an ICT test point for
design-for-test considerations, as desired.
RUN (F4): Run Control Pin. A voltage above 1.2V com-
mands the Module to regulate its output voltage. Under-
voltagelockout(UVLO)canbeimplementedbyconnecting
RUN to the midpoint node formed by a resistor-divider
between VIN and GND. RUN features 130mV of hysteresis.
See the Applications Information section.
INTVCC (G3): Internal Regulator, 3.3V Nominal Output.
Internal control circuits and MOSFET-drivers derive pow-
er from INTVCC bias. When operating 3.1V < SVIN ≤ 58V,
an LDO generates INTVCC from SVIN when RUN is logic
high (RUN > 1.2V). No external decoupling is required.
When RUN is logic low (RUN - GND < 1.2V), the INTVCC
LDO is off, i.e., INTVCC is unregulated. (Also see EXTVCC.)
EXTVCC (F3): External Bias, Auxiliary Input to the INTVCC
Regulator. When EXTVCC exceeds 3.2V and SVIN exceeds
5V, the INTVCC LDO derives power from EXTVCC bias
instead of the SVIN path. This technique can reduce LDO
losses considerably, resulting in a corresponding reduc-
tion in module junction temperature. For applications in
which 4V ≤ VOUT≤26.5V,connectEXTVCCtoVOUTthrough
a resistor. (See the Applications Information section for
resistor value.) When taking advantage of this EXTVCC
feature, locally decouple EXTVCC to PGND with a 1µF ce-
ramic—otherwise, leave EXTVCC open circuit.
ISETb (F1): 1.5nF Soft-Start Capacitor. Connect ISETb
to ISETa to achieve default soft-start characteristics, if
desired. See ISETa.
ISETa (F2): Accurate 50μA Current Source. Positive input
to the error amplifier. Connect a resistor (RISET) from this
pin to SGND to program the desired LTM4653 output volt-
age, VOUT = RISET • 50μA. A capacitor can be connected
from ISETa to SGND to soft-start the output voltage and
reduce start-up inrush current. Connect ISETa to ISETb in
order to achieve default soft-start, if desired. (See ISETb.)
In addition, the output of the LTM4653 can track a voltage
applied between the ISETa pin and the SGND pins. (See
the Applications Information section.)
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com