Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8049 Datasheet(PDF) 27 Page - Linear Technology

Part # LTM8049
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 23Page - Linear Technology LTM8049 Datasheet HTML 24Page - Linear Technology LTM8049 Datasheet HTML 25Page - Linear Technology LTM8049 Datasheet HTML 26Page - Linear Technology LTM8049 Datasheet HTML 27Page - Linear Technology LTM8049 Datasheet HTML 28Page - Linear Technology LTM8049 Datasheet HTML 29Page - Linear Technology LTM8049 Datasheet HTML 30Page - Linear Technology LTM8049 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTM4653
27
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 29. Recommend PCB Layout, Package Top View
TYPICAL APPLICATIONS
Figure 30. 4A, 24V Output DC/DC μModule Regulator
GND
VIN
VOUT
GND
4653 F29
VIN
SVIN
VD
RUN
GND
VOUT
VOSNS
PGND
PGOOD
IMONa
IMONb
ISETb
ISETa
TEMP+
TEMP–
EXTVCC
PGDFB
24VOUT,
UP TO 4A
COUTH
10µF
x2
SGND
RPGDFB
196k RPGDPUP
100k
REXTVCC
100
CEXTVCC
1µF
0.1µF
470pF
RISET
481k
RfSET
90.9k
CD
4.7 F
CINH
4.7 F
INTVCC
INTVCC
INTVCC
CTH
10nF
VINREG
CLKIN
4653 F30
NC
SW
LTM4653
OPTIONAL ANALOG OUTPUT
TEMPERATURE INDICATOR
COMPa
COMPb
fSET
VIN
48V
LOAD
D+
D–
VCC VREF
VPTAT
GND
LTC2997
4mV/K
RTH
499



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com