Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8049 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM8049
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 6Page - Linear Technology LTM8049 Datasheet HTML 7Page - Linear Technology LTM8049 Datasheet HTML 8Page - Linear Technology LTM8049 Datasheet HTML 9Page - Linear Technology LTM8049 Datasheet HTML 10Page - Linear Technology LTM8049 Datasheet HTML 11Page - Linear Technology LTM8049 Datasheet HTML 12Page - Linear Technology LTM8049 Datasheet HTML 13Page - Linear Technology LTM8049 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTM4653
10
Rev 0
For more information www.analog.com
IMONb (C1): Power Inductor Analog Indicator Current De-
fault Termination R-C Network. A 10kΩ resistor in parallel
with a 10nF capacitor and terminating to SGND connect
to this pin. Connect IMONb to IMONa to achieve default
power inductor analog indicator current characteristics:
1V at full scale (4A) load current. (See IMONa.)
TEMP+ (J1, J6): Temperature Sensor, Positive Input.
Emitter of a 2N3906-genre PNP bipolar junction transis-
tor (BJT). Optionally interface to temperature monitor-
ing circuitry such as LTC®2997, LTC2990, LTC2974 or
LTC2975.Otherwiseleaveelectricallyopen.PinsJ1andJ6
areelectricallyconnectedtogetherinternaltotheLTM4653,
and thus it is only necessary to connect one TEMP+ pin
to monitoring circuitry. The remaining TEMP+ pin can be
used for redundant connectivity or routed to an ICT test
point for design-for-test considerations, as desired.
TEMP– (J2, J7): Temperature Sensor, Negative Input.
Collector and base of a 2N3906-genre PNP bipolar junc-
tion transistor (BJT). Optionally interface to temperature
monitoringcircuitrysuchasLTC2997, LTC2990,LTC2974
or LTC2975. Otherwise leave electrically open. Pins J2
and J7 are electrically connected together internal to the
LTM4653, and thus it is only necessary to connect one
TEMP– pin to monitoring circuitry. The remaining TEMP–
pin can be used for redundant connectivity or routed to an
ICTtestpointfordesign-for-testconsiderations,asdesired.
SW (H4): Switching Node of Switching Converter Stage.
Used for test purposes. May be routed a short distance
with a thin trace to a local test point to monitor switching
action of the converter, if desired, but do not route near any
sensitivesignals;otherwise,leaveelectricallyopencircuit.
NC (A6-7, B2, B6-7, C6-7, D6-7, E6-7, F6-7, G6-7, H6-7,
K6-7, L6-7): No connect pins, i.e., pins with no internal
connection. The NC pins predominantly serve to provide
improved mounting of the module to the board. In one’s
layout, NC pins are permitted to remain electrically uncon-
nected or can be connected as desired, e.g., connected
to a GND plane for heat-spreading purposes and/or to
facilitate routing.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com