| Electronic Components Datasheet Search |
|
LTC4449 Datasheet(PDF) 25 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4449 Datasheet(HTML) 25 Page - Linear Technology |
|
25 / 38 page ![]() LTC3774 25 3774fc For more information www.linear.com/LTC3774 Figure 9. Two Different Modes of Output Voltage Tracking Figure 10. Setup and Coincident and Ratiometric Tracking TIME (9a) Coincident Tracking VOUT1 VOUT2 VOUT1 VOUT2 TIME 3774 F09 (9b) Ratiometric Tracking R3 R1 R4 R2 R3 VOUT2 R4 (10a) Coincident Tracking Setup TO VOSNS1+ PIN TO TK/SS2 PIN TO VOSNS2+ PIN VOUT1 R1 R2 R3 VOUT2 R4 3774 F10 (10b) Ratiometric Tracking Setup TO VOSNS1+ PIN TO TK/SS2 PIN TO VOSNS2+ PIN VOUT1 APPLICATIONS INFORMATION or ratiometrically track another supply’s output, as shown in Figure 9. In the following discussions, VOUT2 refers to the LTC3774’s channel 2 as a slave and VOUT1 refers to channel 1 as a master. To implement the coincident track- ing in Figure 9a, connect an additional resistive divider to VOUT1 and connect its mid-point to the TK/SS pin of the slave controller. The ratio of this divider should be the same as that of the slave controller’s feedback divider shown in Figure 10a. In this tracking mode, VOUT1 must be set higher than VOUT2. To implement the ratiometric tracking in Figure 9b, the ratio of the VOUT2 divider should be exactly the same as the master controller’s feedback divider shown in Figure 10b . By selecting different resis- tors, the LTC3774 can achieve different modes of tracking including the two in Figure 9. So which mode should be programmed? While either mode in Figure 9 satisfies most practical applications, some trade-offs exist. The ratiometric mode saves a pair of resistors, but the coincident mode offers better output regulation. Under ratiometric tracking, when the master controller’s output experiences dynamic excursion (under load transient, for example), the slave controller output will be affected as well. For better output regulation, use the coincident tracking mode instead of ratiometric. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |