Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 27Page - Linear Technology LTC4449 Datasheet HTML 28Page - Linear Technology LTC4449 Datasheet HTML 29Page - Linear Technology LTC4449 Datasheet HTML 30Page - Linear Technology LTC4449 Datasheet HTML 31Page - Linear Technology LTC4449 Datasheet HTML 32Page - Linear Technology LTC4449 Datasheet HTML 33Page - Linear Technology LTC4449 Datasheet HTML 34Page - Linear Technology LTC4449 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
LTC3774
31
3774fc
For more information www.linear.com/LTC3774
8. Are the signal and power grounds kept separate? The
IC ground pin and the ground return of CINTVCC must
return to the combined COUT (–) terminals. The VOSNS+
and ITH traces should be as short as possible. The path
formed by the top N-channel MOSFET, Schottky diode
and the CIN capacitor should have short leads and PC
tracelengths.Theoutputcapacitor(–)terminalsshould
be connected as close as possible to the (–) terminals
of the input capacitor by placing the capacitors next to
each other and away from the Schottky loop described
above.
9. Use a modified “star ground” technique: a low imped-
ance, large copper area central grounding point on
the same side of the PC board as the input and output
capacitors with tie-ins for the bottom of the INTVCC
decouplingcapacitor,thebottomofthevoltagefeedback
resistive divider and the GND pin of the IC.
Design Example
As a design example of the front page circuit for a two-
channelhighcurrentregulator,assumeVIN=12V(nominal),
VIN = 20V(maximum), VOUT = 1.5V, IMAX = 60A, and
f = 400kHz (see front page schematic).
The regulated output voltage is determined by:
VOUT = 0.6V • 1+
RB
RA
⎛
⎝
⎜
⎞
⎠
⎟
Using a 10k 1% resistor from the VFB node to ground, the
top feedback resistor is 15k.
The frequency is set by biasing the FREQ pin to 0.75V
(see Figure 12).
The inductance value is based on a 35% maximum ripple
current assumption (10.5A per phase). The highest value
of ripple current occurs at the maximum input voltage:
L =
VOUT
f • ∆IL(MAX)
1−
VOUT
VIN(MAX)
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟
This design will require 0.33µH. The Würth 744301033,
0.32µH inductor is chosen. At the nominal input voltage
(12V), the ripple current will be:
∆IL(NOM) =
VOUT
f • L
1−
VOUT
VIN(NOM)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
It will have 10A (33%) ripple. The peak inductor current
will be the maximum DC value plus one-half the ripple
current, or 35A per phase.
The minimum on-time occurs at the maximum VIN, and
should not be less than 100ns (includes margin):
tON(MIN) =
VOUT
VIN(MAX)f
=
1.5V
20V(400kHz)
= 187ns
DCR sensing is used in this circuit. If C1 and C2 are chosen
to be 220nF, based on the chosen 0.33µH inductor with
0.32mΩ DCR, R1 and R2 can be calculated as:
R1=
L
DCR • C1
= 4.69k
R2 =
L
DCR • C2 • 5
= 937Ω
Choose R1 = 4.64k and R2 = 931Ω.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com