Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 22Page - Linear Technology LTC4449 Datasheet HTML 23Page - Linear Technology LTC4449 Datasheet HTML 24Page - Linear Technology LTC4449 Datasheet HTML 25Page - Linear Technology LTC4449 Datasheet HTML 26Page - Linear Technology LTC4449 Datasheet HTML 27Page - Linear Technology LTC4449 Datasheet HTML 28Page - Linear Technology LTC4449 Datasheet HTML 29Page - Linear Technology LTC4449 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
LTC3774
26
3774fc
For more information www.linear.com/LTC3774
APPLICATIONS INFORMATION
INTVCC (LDO)
The LTC3774 features a true PMOS LDO that supplies
power to INTVCC from the VIN supply. INTVCC powers
the LTC3774’s internal circuitry. The LDO regulates the
voltage at the INTVCC pin to 5.5V when VIN is greater than
6V. The LDO can supply a peak current of 20mA and must
be bypassed to ground with a minimum of 4.7µF ceramic
capacitororlowESRelectrolyticcapacitor.Nomatterwhat
type of bulk capacitor is used, an additional 0.1µF ceramic
capacitor placed directly adjacent to the INTVCC and GND
pins is highly recommended.
For applications where the main input power is 5V, tie
the VIN and INTVCC pins together and tie the combined
pins to the 5V input with a 1Ω or 2.2Ω resistor as shown
in Figure 11 to minimize the voltage drop caused by the
gate charge current. This will override the INTVCC linear
regulator and will prevent INTVCC from dropping too low
due to the dropout voltage.
on-timetON(MIN)oftheLTC3774(≈90nswithpowerstage),
the input voltage and inductor value:
∆IL(SC) = tON(MIN) •
VIN
L
The resulting short-circuit current is:
ISC =
1/ 3VSENSE(MAX)
RSENSE
−
1
2
∆IL(SC)
⎛
⎝
⎜
⎞
⎠
⎟
After a short, or while starting, make sure that the load
current takes the folded-back current limit into account.
Phase-Locked Loop and Frequency Synchronization
The LTC3774 has a phase-locked loop (PLL) comprised
of an internal voltage-controlled oscillator (VCO) and a
phase detector. This allows the turn-on of the top MOSFET
to be locked to the rising edge of an external clock signal
applied to the MODE/PLLIN pin. The phase detector is
an edge sensitive digital type that provides zero degrees
phase shift between the external and internal oscillators.
This type of phase detector does not exhibit false lock to
harmonics of the external clock.
The output of the phase detector is a pair of complemen-
tary current sources that charge or discharge the internal
filter network. There is a precision 20µA current flowing
out of the FREQ pin. This allows the user to use a single
resistor to GND to set the switching frequency when no
external clock is applied to the MODE/PLLIN pin. The
internal switch between the FREQ pin and the integrated
PLL filter network is on, allowing the filter network to be
pre-charged at the same voltage as of the FREQ pin. The
relationship between the voltage on the FREQ pin and
operating frequency is shown in Figure 12 and specified
in the Electrical Characteristics table. If an external clock
is detected on the MODE/PLLIN pin, the internal switch
mentioned above turns off and isolates the influence of the
FREQpin.NotethattheLTC3774canonlybesynchronized
to an external clock whose frequency is within range of
the LTC3774’s internal VCO. A simplified block diagram
is shown in Figure 13.
Figure 11. Setup for a 5V Input
RVIN
1Ω
CIN
3774 F11
5V
CINTVCC
4.7µF
+
INTVCC
LTC3774
VIN
Fault Conditions: Current Limit and Current Foldback
The LTC3774 includes current foldback to help limit
load current when the output is shorted to ground. If the
output falls below 50% of its nominal output level, then
the maximum sense voltage is progressively lowered
from its maximum programmed value to one-third of the
maximum value. Foldback current limiting is not disabled
during soft-start or tracking up. Under short-circuit condi-
tions with very low duty cycles, the LTC3774 will begin
cycle skipping in order to limit the short-circuit current.
In this situation the bottom MOSFET will be dissipating
most of the power but less than in normal operation. The
short circuit ripple current is determined by the minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com