Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 26Page - Linear Technology LTC4449 Datasheet HTML 27Page - Linear Technology LTC4449 Datasheet HTML 28Page - Linear Technology LTC4449 Datasheet HTML 29Page - Linear Technology LTC4449 Datasheet HTML 30Page - Linear Technology LTC4449 Datasheet HTML 31Page - Linear Technology LTC4449 Datasheet HTML 32Page - Linear Technology LTC4449 Datasheet HTML 33Page - Linear Technology LTC4449 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
LTC3774
30
3774fc
For more information www.linear.com/LTC3774
2. Placethefeedbackdividerbetweenthe+and–terminals
of COUT. Route VOSNS+ and VOSNS– with minimum PC
trace spacing from the IC to the feedback divider.
3. Are the SNSA+, SNSD+ and SNS– printed circuit traces
routed together with minimum PC trace spacing? The
filter capacitors between SNSA+, SNSD+ and SNS–
should be as close as possible to the pins of the IC.
4. Do the (+) plates of CIN connect to the drain of the
topside MOSFET as closely as possible? This capacitor
provides the pulsed current to the MOSFET.
5. Keep the switching nodes away from sensitive small-
signal nodes (SNSD+, SNSA+, SNS–, VOSNS+, VOSNS–).
Ideally the PWM and switch nodes printed circuit traces
should be routed away and separated from the IC and
especially the quiet side of the IC. Separate the high dv/
dttracesfromsensitivesmall-signalnodeswithground
traces or ground planes.
6. Use a low impedance source such as a logic gate to
drive the MODE/PLLIN pin and keep the lead as short
as possible.
7. The 47pF to 330pF ceramic capacitor between the ITH
pin and signal ground should be placed as close as
possible to the IC. Figure 14 illustrates all branch cur-
rents in a switching regulator. It becomes very clear
after studying the current waveforms why it is critical to
keepthehighswitchingcurrentpathstoasmallphysical
size. High electric and magnetic fields will radiate from
these loops just as radio stations transmit signals. The
output capacitor ground should return to the negative
terminal of the input capacitor and not share a com-
mon ground path with any switched current paths. The
left half of the circuit gives rise to the
noise generated
by a switching regulator. The ground terminations of
the synchronous MOSFET and Schottky diode should
return to the bottom plate(s) of the input capacitor(s)
with a short isolated PC trace since very high switched
currents are present. External OPTI-LOOP® compensa-
tion allows overcompensation for PC layouts which are
not optimized but this is not the recommended design
procedure.
APPLICATIONS INFORMATION
Figure 14. Branch Current Waveforms
+
RIN
VIN
VOUT
CIN
+
COUT
D1
SW2
SW1
L1
RSENSE
RL
3774 F14
BOLD LINES INDICATE HIGH, SWITCHING CURRENTS. KEEP LINES TO A MINIMUM LENGTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com