Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 23Page - Linear Technology LTC4449 Datasheet HTML 24Page - Linear Technology LTC4449 Datasheet HTML 25Page - Linear Technology LTC4449 Datasheet HTML 26Page - Linear Technology LTC4449 Datasheet HTML 27Page - Linear Technology LTC4449 Datasheet HTML 28Page - Linear Technology LTC4449 Datasheet HTML 29Page - Linear Technology LTC4449 Datasheet HTML 30Page - Linear Technology LTC4449 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
LTC3774
27
3774fc
For more information www.linear.com/LTC3774
Figure 12. Relationship Between Oscillator
Frequency and Voltage at the FREQ Pin
Figure 13. Phase-Locked Loop Block Diagram
VFREQ (V)
0.4
900
1100
1300
1.0
1.4
3774 F12
700
500
0.6
0.8
1.2
1.6
1.8
300
100
DIGITAL
PHASE/
FREQUENCY
DETECTOR
VCO
2.4V 5.5V
20µA
RSET
3774 F13
FREQ
SYNC
EXTERNAL
OSCILLATOR
MODE/PLLIN
APPLICATIONS INFORMATION
If the external clock frequency is greater than the inter-
nal oscillator’s frequency, fOSC, then current is sourced
continuously from the phase detector output, pulling up
the filter network. When the external clock frequency is
less than fOSC, current is sunk continuously, pulling down
the filter network. If the external and internal frequencies
are the same but exhibit a phase difference, the current
sources turn on for an amount of time corresponding to
the phase difference. The voltage on the filter network is
adjusted until the phase and frequency of the internal and
external oscillators are identical. At the stable operating
point, the phase detector output is high impedance and
the filter capacitor CLP holds the voltage.
Typically,theexternalclock(ontheMODE/PLLINpin)input
high threshold is 1.6V, while the input low threshold is 1V.
Using the CLKOUT and PHSMD Pins in Multiphase
Applications
The LTC3774 features CLKOUT and PHSMD pins that
allow multiple LTC3774 ICs to be daisy chained together
in multiphase applications. The clock output signal on the
CLKOUT pin can be used to synchronize additional ICs in
a 3-, 4-, 6-, 8- or 12-phase power supply solution feeding
a single high current output, or even several outputs from
the same input supply.
The PHSMD pin is used to adjust the phase relationship
between channel 1 and channel 2, as well as the phase
relationship between channel 1 and CLKOUT. The phases
are calculated relative to zero degrees, defined as the rising
edgeofPWM1.RefertotheApplicationsInformationsection
for more details on how to create multiphase applications.
Minimum On-Time Considerations
Minimum on-time, tON(MIN), is the smallest time duration
that the LTC3774 is capable of turning on the top MOSFET.
It is determined by internal timing delays, power stage
timing delays and the gate charge required to turn on the
top MOSFET. Low duty cycle applications may approach
this minimum on-time limit and care should be taken to
ensure that:
tON(MIN) <
VOUT
VIN f()
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the voltage ripple and current ripple will increase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com