Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50214BVCZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HSP50214BVCZ
Description  Programmable Downconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP50214BVCZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  HSP50214BVCZ Datasheet HTML 1Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 2Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 3Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 4Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 5Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 6Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 7Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 8Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
HSP50214B
FN4450 Rev 4.00
Page 4 of 62
May 1, 2007
Pin Descriptions
NAME
TYPE
DESCRIPTION
VCC
-
Positive Power Supply Voltage.
GND
-
Ground.
CLKIN
I
Input Clock. This clock should be a multiple of the input sample rate. All input section processing occurs on the rising
edge of CLKIN. The frequency of CLKIN is designated fCLKIN.
IN(13:0)
I
Input Data. The format of the input data may be set to offset binary or 2’s complement. IN13 is the MSB (see Control
Word 0).
ENI
I
Input Enable. Active Low. This pin enables the input to the part in one of two modes, gated or interpolated (see
Control Word 0). In gated mode, one sample is taken per CLKIN when ENI is asserted. The input sample rate is
designated fS, which can be different from fCLKIN when ENI is used.
GAINADJ(2:0)
I
GAINADJ Input. Adds an offset to the gain via the shifter following the mixer. GAINADJ value is added to the shift
code from the microprocessor (
P) interface. The shift code is saturated to a maximum code of F. The gain is offset
by (6dB)(GAINADJ); (000 = 0dB gain adjust; 111 = 42dB gain adjust) GAINADJ2 is the MSB. See “Using the Input
Gain Adjust Control Signals” Section.
PROCCLK
I
Processing Clock. PROCCLK is the clock for all processing functions following the CIC Section. Processing is
performed on PROCCLK’s rising edge. All output timing is derived from this clock.
This clock may be asynchronous to CLKIN.
AGCGNSEL
I
AGC Gain Select. This pin selects between two AGC loop gains. This input is setup and held relative to PROCCLK.
Gain setting 1 is selected when AGCGNSEL = 1.
COF
I
Carrier Offset Frequency Input. This serial input pin is used to load the carrier offset frequency into the Carrier NCO
(see Serial Interface Section). The offset may be 8, 16, 24, or 32-bits. The setup and hold times are relative to CLKIN.
This input is compatible with the output of the HSP50210 Costas loop [1].
COFSYNC
I
Carrier Offset Frequency Sync. This signal is asserted one CLK before the most significant bit (MSB) of the offset
frequency word (see Serial Interface Section). The setup and hold times are relative to CLKIN. This input is
compatible with the output of the HSP50210 Costas loop [1].
SOF
I
Re-Sampler Offset Frequency Input. This serial input pin is used to load the offset frequency into the Re-Sampler
NCO (see Serial Interface Section). The offset may be 8, 16, 24, or 32-bits. The setup and hold times are relative
to PROCCLK. This input is compatible with the output of the HSP50210 Costas loop [1].
SOFSYNC
I
Re-Sampler Offset Frequency Sync. This signal is asserted one CLK before the MSB of the offset frequency word
(see Serial Interface Section). The setup and hold times are relative to PROCCLK. This input is compatible with the
output of the HSP50210 Costas loop [1].
AOUT(15:0)
O
Parallel Output Bus A. Two parallel output modes are available on the HSP50214B. The first is called the Direct
Output Port, where the source is selected through Control Word 20 (see the Microprocessor Write Section) and
comes directly from the Output MUX Section (see Output Control Section). The most significant byte of AOUT
always outputs the most significant byte of the Parallel Direct Output Port whose data type is selected via
P
interface. AOUT15 is the MSB. In this mode, the AOUT(15:0) bus is updated as soon as data is available. DATARDY
is asserted to indicate new data. For this mode, the output choices are: I, |r|, or f. The format is 2’s complement,
except for magnitude, which is unsigned binary with a zero as the MSB.
The second mode for parallel data is called the Buffer RAM Output Port. The Buffer RAM Output Port acts like a
FIFO for blocks of information called data sets. Within a data set is I, Q, magnitude, phase, and frequency
information; a data type is selected using SEL(2:0). Up to 7 data sets are stored in the Buffer RAM Output Port. The
LSBytes of the AOUT and BOUT busses form the 16-bits for the buffered output mode and can be used for buffered
mode while the MSBytes are outputting data in the direct output mode. For this mode, the output formats are the
same as the Direct Output Port mode.
BOUT(15:0)
O
Parallel Output Bus B. Two parallel output modes are available on the HSP50214B. The first is called the Direct
Output Port, where the source is selected through Control Word 20 (see the Microprocessor Write Section) and
comes directly from the Output MUX Section (see Output Control Section). The most significant byte of BOUT
always outputs the most significant byte of the Parallel Direct Output Port whose data type is selected via
P
interface. BOUT15 is the MSB. In this mode, the BOUT(15:0) bus is updated as soon as data is available. DATARDY
is asserted to indicate new data. For this mode, the output choices are: Q,
, or |r|. The format is 2’s complement,
except for magnitude which is unsigned binary with a zero as the MSB.
The second mode for parallel data is called the Buffer RAM Output Port. The Buffer RAM Output Port acts like a
FIFO for blocks of information called data sets. Within a data set is I, Q, magnitude, phase, and frequency
information; a particular information is selected using SEL(2:0). Up to 7 data sets is stored in the Buffer RAM Output
Port. The least significant byte of BOUT can be used to either output the least significant byte of the B Parallel Direct
Output Port or the least significant byte of the Buffer RAM Output Port. See Output Section. For this mode the output
formats are the same as the Direct Output Port mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com