Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50214BVCZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HSP50214BVCZ
Description  Programmable Downconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP50214BVCZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  HSP50214BVCZ Datasheet HTML 1Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 2Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 3Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 4Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 5Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 6Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 7Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 8Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
FN4450 Rev 4.00
Page 1 of 62
May 1, 2007
FN4450
Rev 4.00
May 1, 2007
HSP50214B
Programmable Downconverter
DATASHEET
The HSP50214B Programmable Downconverter converts
digitized IF data into filtered baseband data which can be
processed by a standard DSP microprocessor. The
Programmable Downconverter (PDC) performs down
conversion, decimation, narrowband low pass filtering, gain
scaling, resampling, and Cartesian to Polar coordinate
conversion.
The 14-bit sampled IF input is down converted to baseband
by digital mixers and a quadrature NCO, as shown in the
Block Diagram. A decimating (4 to 32) fifth order Cascaded
Integrator-Comb (CIC) filter can be applied to the data
before it is processed by up to 5 decimate-by-2 halfband
filters. The halfband filters are followed by a 255-tap
programmable FIR filter. The output data from the
programmable FIR filter is scaled by a digital AGC before
being re-sampled in a polyphase FIR filter. The output
section can provide seven types of data: Cartesian (I, Q),
polar (R,
), filtered frequency (ddt), Timing Error (TE), and
AGC level in either parallel or serial format.
Features
• Up to 65MSPS Front-End Processing Rates (CLKIN) and
55MHz Back-End Processing Rates (PROCCLK)
Clocks May Be Asynchronous
• Processing Capable of >100dB SFDR
• Up to 255-Tap Programmable FIR
• Overall Decimation Factor Ranging from 4 to 16384
• Output Samples Rates to
12.94MSPS with Output
Bandwidths to
982kHz Lowpass
• 32-Bit Programmable NCO for Channel Selection and
Carrier Tracking
• Digital Resampling Filter for Symbol Tracking Loops and
Incommensurate Sample-to-Output Clock Ratios
• Digital AGC with Programmable Limits and Slew Rate to
Optimize Output Signal Resolution; Fixed or Auto Gain
Adjust
• Serial, Parallel, and FIFO 16-Bit Output Modes
• Cartesian to Polar Converter and Frequency Discriminator
for AFC Loops and Demodulation of AM, FM, FSK, and
DPSK
• Input Level Detector for External I.F. AGC Support
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Single Channel Digital Software Radio Receivers
• Base Station Rx’s: AMPS, NA TDMA, GSM, and CDMA
• Compatible with HSP50210 Digital Costas Loop for PSK
Reception
• Evaluation Platform Available
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. NO.
HSP50214BVC
HSP50214BVC
0 to +70
120 Ld MQFP
Q120.28x28
HSP50214BVCZ (Note) HSP50214BVCZ
0 to +70
120 Ld MQFP (Pb-free) Q120.28x28
HSP50214BVI
HSP50214BVI
-40 to +85
120 Ld MQFP
Q120.28x28
HSP50214BVIZ (Note)
HSP50214BVIZ
-40 to +85
120 Ld MQFP (Pb-free) Q120.28x28
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.


Similar Part No. - HSP50214BVCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214BVCZ INTERSIL-HSP50214BVCZ Datasheet
1Mb / 62P
Programmable Downconverter
May 1, 2007
HSP50214BVCZ INTERSIL-HSP50214BVCZ Datasheet
2Mb / 62P
Programmable Downconverter
May 1, 2007
More results

Similar Description - HSP50214BVCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
Programmable Downconverter
1999 12
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
Programmable Downconverter
2000 05
HSP50214 INTERSIL-HSP50214 Datasheet
395Kb / 54P
Programmable Downconverter
February 2000
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
Four-Channel Wideband Programmable DownConverter
August 2004
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
Programmable Downconverter
May 1, 2007
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
Four-Channel Programmable Digital Downconverter
August 17, 2007
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
Programmable Downconverter
May 1, 2007
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
Four-Channel Programmable Digital Downconverter
October 5, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com