Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50214BVCZ Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # HSP50214BVCZ
Description  Programmable Downconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP50214BVCZ Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button HSP50214BVCZ Datasheet HTML 45Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 46Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 47Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 48Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 49Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 50Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 51Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 52Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
HSP50214B
FN4450 Rev 4.00
Page 49 of 62
May 1, 2007
CONTROL WORD 7: HB, FIR CONFIGURATION (SYNCHRONIZED TO PROCCLK)
BIT
POSITION
FUNCTION
DESCRIPTION
31-22
Reserved
Reserved.
21
Enable External
Filter Sync
0- The SYNCIN2 pin has no effect on the halfband and FIR filters.
1- When the SYNCIN2 pin is asserted, the filter control circuitry in the halfband filters, the FIR, the
resampler, and the discriminator are reset. SYNCIN2 can be used to synchronize the computations of
the filters in multiple parts for the alignment (see Synchronization Section).
20
Halfband (HB)
Bypass
1- Bypass Halfband Filters.
0- Enable HB Filters (at least one HB must be enabled).
19
HB5 Enable
0- Disables HB number 5 (the last in the cascade).
1- Enables HB filter number 5.
18
HB4 Enable
Setting this bit enables HB filter number 4.
17
HB3 Enable
Setting this bit enables HB filter number 3.
16
HB2 Enable
Setting this bit enables HB filter number 2.
15
HB1 Enable
Setting this bit enables HB filter number 1.
14-11
FIR Decimation
Load decimation from 1-16, where 0000 = 16. Bit 14 is the MSB.
0001 - 1
1001 - 9
0010 - 2
1010 - 10
0011 - 3
1011 - 11
0100 - 4
1100 - 12
0101 - 5
1101 - 13
0110 - 6
1110 - 14
0111 - 7
1111 - 15
1000 - 8
0000 - 16
10
FIR Real/Complex
0- Complex Filter.
1- Dual Real Filters.
9
FIR Sym Type
0- Odd Symmetry.
1- Even Symmetry.
8
FIR Symmetry
0- Symmetric Filters.
1- Asymmetric Filters.
7-0
FIR Taps
Number of taps in the FIR filter. Range is 1 to 255, where 0000000 is invalid.
CONTROL WORD 8: AGC CONFIGURATION 1 (SYNCHRONIZED TO PROCCLK)
BIT
POSITION
FUNCTION
DESCRIPTION
31-30
Reserved
Reserved.
29
Sync AGC Updates to
SYNCIN2
When this bit is 1, the SYNCIN2 pin loads the contents of the master registers into the AGC accumulator.
28-16
Threshold
The magnitude measurement out of the cartesian to polar converter is subtracted from this value to get
the gain error. A gain of 1.647 in the cartesian to polar conversion that must be taken into account when
computing this threshold. These bits are weighted -22 down to 2-10. Bit 28 is the MSB.
15-12
Loop Gain 1
Mantissa
Selected when AGCGNSEL = 1. These bits, MMMM, together with the exponent bits, EEEE (11-8), set
the loop gain for the AGC loop. The gain adjustment per output sample is:
1.5dB (Threshold -[Magnitude * 1.6]) 0.MMMM * 2-(15 - EEEE) where magnitude ranges from 0 to 1.414
and the threshold is programmed in bits 28-16. The decimal value for the mantissa is calculated as
DEC(MMMM)/16. Bit 15 is the MSB.
11-8
Loop Gain 1
Exponent
Selected when AGCGNSEL = 1. These bits are EEEE. See description of bits 15-12. Bit 11 is the MSB.
7-4
Loop Gain 0 Mantissa
Selected when AGCGNSEL = 0. These bits are MMMM. See description for bits 15-12. Same equations
are used for Loop 0. Bit 7 is the MSB.
3-0
Loop Gain 0
Exponent
Selected when AGCGNSEL = 0. These bits are EEEE. See description for bits 15-12. Same equations
are used for Loop 0. Bit 3 is the MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com